Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR512LE Datasheet(PDF) 34 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 34 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 30Page - Numonyx B.V M58PR512LE Datasheet HTML 31Page - Numonyx B.V M58PR512LE Datasheet HTML 32Page - Numonyx B.V M58PR512LE Datasheet HTML 33Page - Numonyx B.V M58PR512LE Datasheet HTML 34Page - Numonyx B.V M58PR512LE Datasheet HTML 35Page - Numonyx B.V M58PR512LE Datasheet HTML 36Page - Numonyx B.V M58PR512LE Datasheet HTML 37Page - Numonyx B.V M58PR512LE Datasheet HTML 38Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 123 page
background image
Command interface
M58PR512LE, M58PR001LE
34/123
4.16
Block Lock-down command
The Block Lock-down command locks down a locked or unlocked block.
A locked-down block cannot be programmed or erased. The lock status of a locked-down
block cannot be changed when WP is low, VIL. When WP is high, VIH, the lock-down
function is disabled and the locked blocks can be individually unlocked by the Block Unlock
command.
Two bus write cycles are required to issue the Block Lock-down command.
●
The first bus cycle sets up the Block Lock-down command.
●
The second bus write cycle latches the block address and locks-down the block.
The lock status can be monitored for each block using the Read Electronic Signature
command.
Locked-down blocks revert to the locked (and not locked-down) state when the device is
reset on power-down. Table 21 shows the Lock Status after issuing a Block Lock-down
command.
Refer to Section 12: Block locking for a detailed explanation and Appendix C, Figure 29:
Main array and EFA locking operations flowchart and pseudocode for a flowchart for using
the Lock-down command.
4.17
Blank Check command
The Blank Check command checks whether a main array block has been completely
erased. Only one block at a time can be checked. Two bus cycles are required to issue the
Blank Check command:
●
The first bus cycle writes the Blank Check command to any address in the block to be
checked.
●
The second bus cycle writes the Blank Check Confirm command (D0h) to any address
in the block to be checked and starts the blank check operation.
If the second bus cycle is not Blank Check Confirm, status register bits SR4 and SR5 are
set to ‘1’ and the command aborts.
Once the command is issued the addressed bank automatically enters the status register
mode and further reads within the bank output the status register contents.
The only operation permitted during blank check is read status register. Dual operations are
not supported while a blank check operation is in progress. Blank check operations cannot
be suspended and are not allowed while the device is in program/erase suspend.
The SR7 status register bit indicates the status of the blank check operation in progress:
SR7 = ‘0’ means that the blank check operation is still ongoing. SR7 = ‘1’ means that the
operation is complete.
The SR5 status register bit goes High (SR5 = ‘1’) to indicate that a blank check operation
has failed.
At the end of the operation the bank remains in the Read status register mode until another
command is written to the command interface.
See Appendix C, Figure 30: Blank check flowchart and pseudocode for a suggested
flowchart for using the Blank Check command.
Typical Blank Check times are provided in Table 22: Program/erase times and endurance
cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com