Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR512LE Datasheet(PDF) 56 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 56 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 52Page - Numonyx B.V M58PR512LE Datasheet HTML 53Page - Numonyx B.V M58PR512LE Datasheet HTML 54Page - Numonyx B.V M58PR512LE Datasheet HTML 55Page - Numonyx B.V M58PR512LE Datasheet HTML 56Page - Numonyx B.V M58PR512LE Datasheet HTML 57Page - Numonyx B.V M58PR512LE Datasheet HTML 58Page - Numonyx B.V M58PR512LE Datasheet HTML 59Page - Numonyx B.V M58PR512LE Datasheet HTML 60Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 123 page
background image
Configuration register
M58PR512LE, M58PR001LE
56/123
Figure 8.
X latency and data output configuration example
1.
The settings shown are X latency = 4. tQVK_CPU is the data setup time required by the system CPU.
Table 16.
Burst type definition
Start address
8 words
16 words
Continuous burst
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7-8-9-10-11-12-13-14-15
0-1-2-3-4-5-6...
1
1-2-3-4-5-6-7-0
1-2-3-4-5-6-7-8-9-10-11-12-13-14-15-0
1-2-3-4-5-6-7...
2
2-3-4-5-6-7-0-1
2-3-4-5-6-7-8-9-10-11-12-13-14-15-0-1
2-3-4-5-6-7-8...
3
3-4-5-6-7-0-1-2
3-4-5-6-7-8-9-10-11-12-13-14-15-0-1-2
3-4-5-6-7-8-9...
...
7
7-0-1-2-3-4-5-6
7-8-9-10-11-12-13-14-15-0-1-2-3-4-5-6
7-8-9-10-11-12-13...
...
12
12-13-14-15-8-9-10-11
12-13-14-15-0-1-2-3-4-5-6-7-8-9-10-11
12-13-14-15-16-17...
13
13-14-15-8-9-10-11-12
13-14-15-0-1-2-3-4-5-6-7-8-9-10-11-12
13-14-15-16-17-18...
14
14-15-8-9-10-11-12-13
14-15-0-1-2-3-4-5-6-7-8-9-10-11-12-13
14-15-16-17-18-19...
15
15-8-9-10-11-12-13-14
15-0-1-2-3-4-5-6-7-8-9-10-11-12-13-14
15-16-17-18-19-20...
AI08904b
Amax-A0
VALID ADDRESS
K
L
DQ15-DQ0
VALID DATA
X-latency
VALID DATA
1st cycle
2nd cycle
3rd cycle
4th cycle
E
tKHKH
tQVK_CPU
tKHQV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com