Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR512LE Datasheet(PDF) 25 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 25 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 21Page - Numonyx B.V M58PR512LE Datasheet HTML 22Page - Numonyx B.V M58PR512LE Datasheet HTML 23Page - Numonyx B.V M58PR512LE Datasheet HTML 24Page - Numonyx B.V M58PR512LE Datasheet HTML 25Page - Numonyx B.V M58PR512LE Datasheet HTML 26Page - Numonyx B.V M58PR512LE Datasheet HTML 27Page - Numonyx B.V M58PR512LE Datasheet HTML 28Page - Numonyx B.V M58PR512LE Datasheet HTML 29Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 123 page
background image
M58PR512LE, M58PR001LE
Command interface
25/123
4.3
Read Electronic Signature command
The Read Electronic Signature command reads the manufacturer and device codes, the
lock status of the addressed bank, the Protection Register, the configuration register, and
the enhanced configuration register.
One bus write cycle is required to issue the Read Electronic Signature command. Once a
bank is in read electronic signature mode, subsequent read operations in the same bank
output the manufacturer code, the device code, the lock status of the addressed bank, the
Protection Register, the configuration register, or the enhanced configuration register (see
Table 9).
The Read Electronic Signature command can be issued at any time, even during program
or erase operations, except during protection register program operations. Dual operations
between the EFA and the electronic signature locations are not allowed (see Table 20: Dual
operation limitations for details).
If a Read Electronic Signature command is issued to a bank that is executing a program or
erase operation the bank goes into read electronic signature mode. Subsequent bus read
cycles output the electronic signature data and the Program/Erase Controller continues to
program or erase in the background.
The Read Electronic Signature command only changes the read mode of the addressed
bank. The read modes of other banks are not affected. Only asynchronous read and single
synchronous read operations should be used to read the electronic signature. A Read Array
command is required to return the bank to read array mode.
4.4
Read CFI Query command
The Read CFI Query command is used to read data from the CFI (common flash interface).
One bus write cycle is required to issue the Read CFI Query command. Once a bank is in
read CFI query mode, subsequent bus read operations in the same bank output the
contents of the CFI.
The Read CFI Query command can be issued at any time, even during program or erase
operations.
If a Read CFI Query command is issued to a bank that is executing a program or erase
operation the bank goes into read CFI query mode. Subsequent bus read cycles output the
CFI data and the Program/Erase Controller continues to program or erase in the
background.
The Read CFI Query command only changes the read mode of the addressed bank. The
read modes of other banks are not affected. Only asynchronous read and single
synchronous read operations should be used to read from the CFI. A Read Array command
is required to return the bank to read array mode.
Dual operations between the EFA and the CFI memory space are not allowed (see Table 20:
Dual operation limitations for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com