Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR512LE Datasheet(PDF) 63 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 63 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 59Page - Numonyx B.V M58PR512LE Datasheet HTML 60Page - Numonyx B.V M58PR512LE Datasheet HTML 61Page - Numonyx B.V M58PR512LE Datasheet HTML 62Page - Numonyx B.V M58PR512LE Datasheet HTML 63Page - Numonyx B.V M58PR512LE Datasheet HTML 64Page - Numonyx B.V M58PR512LE Datasheet HTML 65Page - Numonyx B.V M58PR512LE Datasheet HTML 66Page - Numonyx B.V M58PR512LE Datasheet HTML 67Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 123 page
background image
M58PR512LE, M58PR001LE
Dual operations and multiple bank architecture
63/123
11
Dual operations and multiple bank architecture
The multiple bank architecture of the M58PRxxxLE gives greater flexibility for software
developers to split the code and data spaces within the memory array. The dual operations
feature simplifies the software management of the device by allowing code to be executed
from one bank while another bank is being programmed or erased.
The dual operations feature means that while programming or erasing in one bank, read
operations are possible in another bank with zero latency (only one bank at a time is allowed
to be in program or erase mode).
If a read operation is required in a bank, which is programming or erasing, the program or
erase operation can be suspended.
Also, if the suspended operation was erase then a program command can be issued to
another block. This means the device can have one block in erase suspend mode, one
programming and other banks in read mode.
Bus read operations are allowed in another bank between setup and confirm cycles of
program or erase operations.
By using a combination of these features, read operations are possible at any moment in
the M58PRxxxLE device.
Dual operations between the EFA and either of the CFI, the OTP, or the electronic signature
memory space are not allowed. Table 20 shows which dual operations are allowed or not
between the CFI, the OTP, the electronic signature locations and the memory array.
Table 18 and Table 19 show the dual operations possible in other banks and in the same
bank.
Table 18.
Dual operations allowed in other banks
Status of bank
Commands allowed in another bank
Read
Array
Read
Status
Register
Read
CFI
Query
Read
Electronic
Signature
Read
EFA
Program,
Buffer
Program
Block
Erase
Program/
Erase
Suspend
Program/
Erase
Resume
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Programming
Yes
Yes
Yes
Yes
Yes
–
–
Yes
–
Erasing
Yes
Yes
Yes
Yes
Yes
–
–
Yes
–
Program
suspended
Yes
Yes
Yes
Yes
Yes
–
–
–
Yes
Erase
suspended
Yes
Yes
Yes
Yes
Yes
Yes
–
–
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com