Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR512LE Datasheet(PDF) 24 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 24 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 20Page - Numonyx B.V M58PR512LE Datasheet HTML 21Page - Numonyx B.V M58PR512LE Datasheet HTML 22Page - Numonyx B.V M58PR512LE Datasheet HTML 23Page - Numonyx B.V M58PR512LE Datasheet HTML 24Page - Numonyx B.V M58PR512LE Datasheet HTML 25Page - Numonyx B.V M58PR512LE Datasheet HTML 26Page - Numonyx B.V M58PR512LE Datasheet HTML 27Page - Numonyx B.V M58PR512LE Datasheet HTML 28Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 123 page
background image
Command interface
M58PR512LE, M58PR001LE
24/123
4.1
Read Array command
The Read Array command returns the addressed bank to read array mode.
One bus write cycle is required to issue the Read Array command. Once a bank is in read
array mode, subsequent read operations output the data from the memory array.
A Read Array command can be issued to any banks while programming or erasing in
another bank.
If the Read Array command is issued to a bank currently executing a program or erase
operation, the bank returns to read array mode but the program or erase operation
continues. However, the data output from the bank is not guaranteed until the program or
erase operation has finished. The read modes of other banks are not affected.
4.2
Read Status Register command
The device contains a status register that monitors program or erase operations.
The Read Status Register command reads the contents of the status register for the
addressed bank.
One bus write cycle is required to issue the Read Status Register command. Once a bank is
in read status register mode, subsequent read operations output the contents of the status
register.
The status register data is latched on the falling edge of the Chip Enable or Output Enable
signals. Either Chip Enable or Output Enable must be toggled to update the status register
data.
The Read Status Register command can be issued at any time, even during program or
erase operations. The Read Status Register command only changes the read mode of the
addressed bank. The read modes of other banks are not affected. Only asynchronous read
and single synchronous read operations should be used to read the status register. A Read
Array command is required to return the bank to read array mode.
See Table 13 for the description of the status register bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com