Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F0057 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  Induction Cooker Flash MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
Rev. 1.30
10
May 17, 2022
Rev. 1.30
11
May 17, 2022
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
A/D Converter Characteristics
Operating Temperature: Ta = 25°C, unless otherwise specify
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
—
—
2.7
—
5.5
V
VADI
Input Voltage
—
—
0
—
VREF
V
VREF
Reference Voltage
—
—
—
VDD
—
V
DNL
Differential Nonlinearity
3V
VREF = VDD, tADCK = 1.0μs
—
—
±3
LSB
5V
3V
VREF = VDD, tADCK = 4μs
5V
INL
Integral Nonlinearity
3V
VREF = VDD, tADCK = 1.0μs
—
—
±4
LSB
5V
3V
VREF = VDD, tADCK = 4μs
5V
IADC
Additional Current for A/D Converter Enable
3V
No load (tADCK = 1.0μs)
—
1
2
mA
5V
—
1.5
3
mA
tADCK
Clock Period
—
—
0.5
—
10
μs
tADS
Sampling Time
—
—
—
4
—
tADCK
tADC
Conversion Time
(Include A/D Converter Sample And Hold Time) —
—
—
16
—
tADCK
Comparator Characteristics
Operating Temperature: Ta = 25°C, unless otherwise specify
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VCP
Operating Voltage
—
—
3.0
—
5.5
V
ICMP
Additional Current for
Comparator Enable
3V
—
—
150
225
μA
5V
—
—
200
300
μA
VOS
Input Offset Voltage
5V Without calibration
(CnCOF[4:0]=10000B) -15
—
15
mV
5V With calibration
-2
—
2
mV
VCM
Common Mode Voltage Range —
—
0
—
VDD - 1.4
V
VHYS
Hysteresis
5V
—
20
40
60
mV
tC0IRP
Comparator 0 Interrupt
Response Time
5V Disable Hysteresis,
de-bounce disable
—
0.5
1
μs
5V Disable Hysteresis,
de-bounce enable
—
1
2
μs
tC1IRP
Comparator 1 Interrupt
Response Time
5V Disable Hysteresis,
de-bounce disable
—
0.5
1
μs
5V Disable Hysteresis,
de-bounce enable
—
1
2
μs
tC2IRP
Comparator 2 Interrupt
Response Time
5V Disable Hysteresis,
de-bounce disable
—
0.5
1
μs
5V Disable Hysteresis,
de-bounce enable
—
1
2
μs
tC3IRP
Comparator 3 Interrupt
Response Time
5V Disable Hysteresis,
de-bounce disable
—
0.5
1
μs
5V Disable Hysteresis,
de-bounce enable
—
1
2
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com