Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F0057 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  Induction Cooker Flash MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
Rev. 1.30
14
May 17, 2022
Rev. 1.30
15
May 17, 2022
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Flash Program Memory
The Program Memory is the location where the user code or program is stored. For this device the
Program Memory is Flash type, which means it can be programmed and re-programmed a large
number of times, allowing the user the convenience of code modification on the same device. By
using the appropriate programming tools, the Flash device offer users the flexibility to conveniently
debug and develop their applications while also offering a means of field programming and
updating.
Structure
The Program Memory has a capacity of 4K×16 bits. The Program Memory is addressed by the
Program Counter and also contains data, table information and interrupt entries. Table data, which
can be setup in any location within the Program Memory, is addressed by a separate table pointer
register.
Reset
000H
004H
018H
FFFH
Interrupt Vectors
16 bits
Program Memory Structure
Look-up Table
Any location within the Program Memory can be defined as a look-up table where programmers can
store fixed data. To use the look-up table, the table pointer must first be setup by placing the address
of the look up data to be retrieved in the table pointer register, TBLP. These registers define the total
address of the look-up table.
After setting up the table pointer, the table data can be retrieved from the Program Memory
using the “TABRDC [m]” or “TABRDL [m]” instructions, respectively. When the instruction is
executed, the lower order table byte from the Program Memory will be transferred to the user
defined Data Memory register [m] as specified in the instruction. The higher order table data byte
from the Program Memory will be transferred to the TBLH special register. Any unused bits in this
transferred higher order byte will be read as 0.
The accompanying diagram illustrates the addressing data flow of the look-up table.
PC High Byte
TBLP Register
Data
16 bits
Program Memory
Register TBLH
User Selected
Register
High Byte
Low Byte
Last page or
present page
PC11~PC8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com