Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F0057 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  Induction Cooker Flash MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
Rev. 1.30
24
May 17, 2022
Rev. 1.30
25
May 17, 2022
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
System Control Registers – CTRL0, CTRL1, CTRL2, CTRL3, CTRL4
These registers are used to provide control over various internal functions. Some of these include the
inverting control of the comparator output signal, TMR0 external clock source selection, peripheral
clock prescaler stage, oscillator stop function control, internal reference voltage selection of the
comparator, etc.
• CTRL0 Register
Bit
7
6
5
4
3
2
1
0
Name
C2VOINV TMR0ECS
—
—
PCKPSC
—
LVDO
LVDC
R/W
R/W
R/W
—
—
R/W
—
R
R/W
POR
0
0
—
—
0
—
0
0
Bit 7
C2VOINV: Inverting control of the comparator 2 output signal
0: Non-inverted
1: Inverted
Bit 6
TMR0ECS: Select TMR0 external clock source
0: TMR0 pin
1: INT0
Bit 5~4
Unimplemented, read as “0”
Bit 3
PCKPSC: Peripheral clock prescaler stage
fPCK=
0: fSYS/2048
1: fSYS/4096
Bit 2
Unimplemented, read as “0”
Bit 1
LVDO: Low voltage detector output
0: Normal voltage
1: Low voltage detected
Bit 0
LVDC: Low voltage detector control
0: Disable
1: Enable
• CTRL1 Register
Bit
7
6
5
4
3
2
1
0
Name
INTINV
INTS
DBC5
DBC4
DBC3
DBC2
DBC1
DBC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
INTINV: Inverting control of the de-bounced external interrupt input signal
0: Non-inverted
1: Inverted
Bit 6
INTS: Select external interrupt source
0: INT
1: Comparator 0 output “C0VO”
Bit 5~0
DBC5~DBC0: Select external interrupt input de-bounce time (fSYS=8MHz)
000000: bypass digital de-bounce circuit
000001: 0~1/fSYS, about 0.125μs
000010:1/fSYS~2/fSYS, about 0.25μs
:
:
101111: 46/fSYS~47/fSYS, about 5.875μs
11xxxx: 47/fSYS~48/fSYS, about 6μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com