Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F0057 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  Induction Cooker Flash MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
Rev. 1.30
34
May 17, 2022
Rev. 1.30
35
May 17, 2022
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Port A has the additional capability of providing wake-up functions. When the device is in the
Power Down Mode, various methods are available to wake the device up. One of these is a high to
low transition of any of the Port A pins. Single or multiple pins on Port A can be setup to have this
function.
Timer/Event Counters
The provision of timers form an important part of any microcontroller, giving the designer a means
of carrying out time related functions. The device contains three count-up timer of 8-bit capacity.
The Timer/Event Counter 0 has three different operating modes, it can be configured to operate as a
general timer, an external event counter or as a pulse width capture device. The Timer/Event Counter
1 has only one operating mode – the PPG non-retriggered function. The Timer/Event Counter 2 has
only one operating mode which is timer mode. The provision of an internal prescaler to the clock
circuitry on gives added range to the timers.
There are two types of registers related to the Timer/Event Counters. The first are the registers that
contain the actual value of the timer and into which an initial value can be preloaded. Reading from
these registers retrieves the contents of the Timer/Event Counter. The second type of associated
registers are the Timer Control Registers which define the timer options and determines how the
timers are to be used.
Configuring the Timer/Event Counter Input Clock Source
For the Timer/Event Counter 0, the clock source can be from an external source or an internal clock
source, when selecting an external source, the choice of which is determined by the TMR0ECS bit in
the CTRL0 register, it can be from the TMR0 pin or the INT0 signal. For the Timer/Event Counter
1/2, there is only one clock source, fSYS, which is also divided by a prescaler, the division ratio is
conditioned by the Timer Control Register bits TnPSC0~TnPSC2. The external clock input allows
the user to count external events, measure time internals or pulse widths. While using the internal
clock allows the user to generate an accurate time base.
• CTRL0 Register
Bit
7
6
5
4
3
2
1
0
Name
C2VOINV TMR0ECS
—
—
PCKPSC
—
LVDO
LVDC
R/W
R/W
R/W
—
—
R/W
—
R
R/W
POR
0
0
—
—
0
—
0
0
Bit 7
C2VOINV: Inverting control of the comparator 2 output signal
Described elsewhere
Bit 6
TMR0ECS: Select TMR0 external clock source
0: TMR0 pin
1: INT0
Bit 5~4
Unimplemented, read as “0”
Bit 3
PCKPSC: Peripheral clock prescaler stage
Described elsewhere
Bit 2
Unimplemented, read as “0”
Bit 1
LVDO: Low voltage detector output
Described elsewhere
Bit 0
LVDC: Low voltage detector control
Described elsewhere



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com