Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F0057 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  Induction Cooker Flash MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
Rev. 1.30
40
May 17, 2022
Rev. 1.30
41
May 17, 2022
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Pulse Width Measurement Mode
This mode only exists in the Timer/Event Counter 0. In this mode, the Timer/Event Counter can be
utilised to measure the width of external pulses applied to the external timer pin. To operate in this
mode, the Operating Mode Select bit pair, T0M1/T0M0, in the Timer Control Register must be set
to 1/1.
In this mode, the external timer pin TMR0 or the INT0 signal can be used as the Timer/Event
Counter clock source, however it is not divided by the internal prescaler. After the other bits in the
Timer Control Register have been setup, the enable bit T0ON, which is bit 4 of the Timer Control
Register, can be set high to enable the Timer/Event Counter to run. However it will not actually start
counting until an active edge is received on the external timer pin.
If the Active Edge Select bit TMR0E, which is bit 3 of the Timer Control Register, is low, once a
high to low transition has been received on the external timer pin, the Timer/Event Counter will start
counting until the external timer pin returns to its original high level. At this point the enable bit will
be automatically reset to zero and the Timer/Event Counter will stop counting. If the Active Edge
Select bit is high, the Timer/Event Counter will begin counting once a low to high transition has
been received on the external timer pin and stop counting when the external timer pin returns to its
original low level. As before, the enable bit will be automatically reset to zero and the Timer/Event
Counter will stop counting. It is important to note that in the pulse width capture mode, the enable
bit is automatically reset to zero when the external control signal on the external timer pin returns
to its original level, whereas in the other two modes the enable bit can only be reset to zero under
program control.
The residual value in the Timer/Event Counter, which can now be read by the program, therefore
represents the length of the pulse received on the TMR0 pin or INT0 signal. As the enable bit has
now been reset, any further transitions on the external timer pin will be ignored. The timer cannot
begin further pulse width capture until the enable bit is set high again by the program. In this way,
single shot pulse measurements can be easily made.
It should be noted that in this mode the Timer/Event Counter is controlled by logical transitions
on the external timer pin and not by the logic level. When the Timer/Event Counter is full and
overflows, an interrupt signal is generated and the Timer/Event Counter will reload the value already
loaded into the preload register and continue counting. The interrupt can be disabled by ensuring
that the Timer/Event Counter Interrupt Enable bit in the corresponding Interrupt Control Register, it
is reset to zero.
As the TMR0 pin is shared with an I/O pin, to ensure that the pin is configured to operate as a pulse
width capture pin, two things have to be implemented. The first is to ensure that the Operating Mode
Select bits in the Timer Control Register place the Timer/Event Counter in the pulse width capture
mode, the second is to ensure that the port control register configure the pin as an input.
External TMR0
Pin Input
T0ON–with TMR0E = 0
Prescaler Output
Increment
Timer Counter
Timer
Prescaler Output is sampled at every falling edge of T1.
+1
+2
+3
+4
Pulse Width Capture Mode Timing Chart (TMR0E=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com