Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F0057 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  Induction Cooker Flash MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
Rev. 1.30
16
May 17, 2022
Rev. 1.30
17
May 17, 2022
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Table Program Example
The following example shows how the table pointer and table data is defined and retrieved from the
microcontroller. This example uses raw table data located in the Program Memory which is stored
there using the ORG statement. The value at this ORG statement is “0F00H” which refers to the
start address of the last page within the 4K Program Memory of the device. The table pointer is
setup here to have an initial value of “06H”. This will ensure that the first data read from the data
table will be at the Program Memory address “0F06H” or 6 locations after the start of the last page.
Note that the value for the table pointer is referenced to the first address of the present page if the
“TABRDC [m]” instruction is being used. The high byte of the table data which in this case is equal
to zero will be transferred to the TBLH register automatically when the “TABRDC [m]” instruction
is executed.
Because the TBLH register is a read-only register and cannot be restored, care should be taken
to ensure its protection if both the main routine and Interrupt Service Routine use table read
instructions. If using the table read instructions, the Interrupt Service Routines may change the
value of the TBLH and subsequently cause errors if used again by the main routine. As a rule it is
recommended that simultaneous use of the table read instructions should be avoided. However, in
situations where simultaneous use cannot be avoided, the interrupts should be disabled prior to the
execution of any main routine table-read instructions. Note that all table related instructions require
two instruction cycles to complete their operation.
Table Read Program Example
tempreg1 db ?
; temporary register #1
tempreg2 db ?
; temporary register #2
:
mov a, 06h
; initialise low table pointer - note that this address is
; referenced
mov tblp, a
; to the last page or present page
:
:
tabrdc tempreg1
; transfers value in table referenced by table pointer data at
; program memory address 0F06H transferred to tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrdc tempreg2
; transfers value in table referenced by table pointer data at
; program memory address 0F05H transferred to tempreg2 and TBLH
; in this example the data 1AH is transferred to tempreg1 and data
; 0FH to register tempreg2
:
org 0F00h
; sets initial address of program memory
dc 00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
In Circuit Programming – ICP
The provision of Flash type Program Memory provides the user with a means of convenient and easy
upgrades and modifications to their programs on the same device. As an additional convenience,
Holtek has provided a means of programming the microcontroller in-circuit using a 4-pin interface.
This provides manufacturers with the possibility of manufacturing their circuit boards complete with
a programmed or un-programmed microcontroller, and then programming or upgrading the program
at a later stage. This enables product manufacturers to easily keep their manufactured products
supplied with the latest program releases without removal and re-insertion of the device.
The Holtek Flash MCU to Writer Programming Pin correspondence table is as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com