Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81103AT Datasheet(PDF) 52 Page - STMicroelectronics

Part # STW81103AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103AT Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STW81103AT Datasheet HTML 45Page - STMicroelectronics STW81103AT Datasheet HTML 46Page - STMicroelectronics STW81103AT Datasheet HTML 47Page - STMicroelectronics STW81103AT Datasheet HTML 48Page - STMicroelectronics STW81103AT Datasheet HTML 49Page - STMicroelectronics STW81103AT Datasheet HTML 50Page - STMicroelectronics STW81103AT Datasheet HTML 51Page - STMicroelectronics STW81103AT Datasheet HTML 52Page - STMicroelectronics STW81103AT Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
Ordering information
STW81103
52/53
11
Ordering information
12
Revision history
Table 26.
Order codes
Part number
Temp range,
° C
Package
Packing
STW81103AT
-40 to 85
VFQFPN28
Tray
STW81103ATR
-40 to 85
VFQFPN28
Tape and reel
Table 27.
Document revision history
Date
Revision
Changes
18-Jul-2007
1
Initial release.
14-Aug-2007
2
Added
Chapter 8: Application information. Modified Section 6.4:
VCO calibration procedure, and pin #23 description in Table 1.
28-Mar-2008
3
Updated
Table 1: Pin description.
Updated
Table 2: Absolute maximum ratings, Table 3: Operating
conditions, Table 5: Electrical specifications and Table 6: Phase
noise specification.
Updated
Section 5.8.2: VCO frequency calibration.
Added
VCO calibration auto-restart feature.
Updated
Section 5.8.3: VCO voltage amplitude control.
Added
Section 5.9: Output stage and Section 5.10: External VCO
buffer.
Updated
FUNCTIONAL_MODE and CALIBRATION registers.
Added
Section 6.3.3: Default configuration.
Updated
Section 6.4: VCO calibration procedure and added
Section 6.4.1: VCO calibration auto-restart feature.
Updated
Table 23: Bits at 01h and ST2.
Added
Section 7.3.1: Default configuration.
Updated
Section 7.4: VCO calibration procedure and added
Section 7.4.1: VCO calibration auto-restart feature.
Added ‘Application program interface API’ item in
Section 8.4.
Modified notes after
Figure 36.
Added
Figure 37, Figure 38 and Figure 39.
Modified
Figure 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com