Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81103AT Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW81103AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103AT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW81103AT Datasheet HTML 8Page - STMicroelectronics STW81103AT Datasheet HTML 9Page - STMicroelectronics STW81103AT Datasheet HTML 10Page - STMicroelectronics STW81103AT Datasheet HTML 11Page - STMicroelectronics STW81103AT Datasheet HTML 12Page - STMicroelectronics STW81103AT Datasheet HTML 13Page - STMicroelectronics STW81103AT Datasheet HTML 14Page - STMicroelectronics STW81103AT Datasheet HTML 15Page - STMicroelectronics STW81103AT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
Electrical specifications
STW81103
12/53
External VCO
Frequency range
0.625
5.0
GHz
Input level
-10
+6
dBm
Current consumption
VCO internal buffer
28
mA
PLL miscellaneous
IPLL
Current consumption
Input buffer, prescaler, digital
dividers, misc.
12
mA
tlock
Lockup time(5) (7)
25 kHzPLLbandwidth; within
1 ppm of frequency error
150
μs
1.
In order to achieve best phase noise performance 1 V peak level is suggested.
2.
The frequency step is related to the PFD input frequency as follows:
- Fstep = FPFD for direct output
- Fstep = FPFD/2 for divided by 2 output
- Fstep = FPFD/4 for divided by 4 output
3.
See relationship between ICP and REXT in
Section 5.7: Charge pump.
4.
The level of the spurs may change depending on PFD frequency, charge pump current, selected channel and PLL loop
BW.
5.
Guaranteed by design and specification.
6.
When setting a specified output frequency, the VCO calibration procedure must be run in order to select the best sub-range
for the VCO covering the desired frequency. Once programmed at the initial temperature T0 inside the operating
temperature range (-40
° C to +85 ° C), the synthesizer is able to maintain the lock status only if the temperature drift (in
either direction) is within the limit specified by
ΔT
LK, provided that the final temperature T1 is still inside the nominal range.
If higher
ΔT are required the ”VCO calibration auto-restart“ feature can be enabled, thus allowing to re-start the VCO
calibration procedure automatically when the part loose the lock condition (trigger on lock detector signal).
7.
Frequency jump from 2250 to 2400 MHz; it includes the time required by the VCO calibration procedure (7 FPFD cycles with
FPFD=400 kHz).
Table 5.
Electrical specifications (continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com