Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81103AT Datasheet(PDF) 15 Page - STMicroelectronics

Part # STW81103AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103AT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STW81103AT Datasheet HTML 11Page - STMicroelectronics STW81103AT Datasheet HTML 12Page - STMicroelectronics STW81103AT Datasheet HTML 13Page - STMicroelectronics STW81103AT Datasheet HTML 14Page - STMicroelectronics STW81103AT Datasheet HTML 15Page - STMicroelectronics STW81103AT Datasheet HTML 16Page - STMicroelectronics STW81103AT Datasheet HTML 17Page - STMicroelectronics STW81103AT Datasheet HTML 18Page - STMicroelectronics STW81103AT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
STW81103
Typical performance characteristics
15/53
3
Typical performance characteristics
Phase noise is measured with the Agilent E5052A Signal Source Analyzer. All closed-loop
measurements are done with FSTEP=200 kHz, with the FPFD and charge pump current
properly set. The loop filter configuration is depicted in
Figure 36: Typical application
diagram, and the reference clock signal is at 76.8 MHz with a phase noise of -135 dBc/Hz
@1 kHz offset, -145 dBc/Hz @10 kHz offset and -149.5 dBc/Hz of noise floor.
Figure 3.
VCO A (direct output) open loop
phase noise
Figure 4.
VCO B (direct output) open loop
phase noise
Figure 5.
VCO A (direct output) closed loop
phase noise at 2.775 GHz
(FSTEP=200 kHz; FPFD=200 kHz;
ICP=2 mA)
Figure 6.
VCO B (direct output) closed loop
phase noise at 4.675 GHz
(FSTEP=200 kHz; FPFD=200 kHz;
ICP=3 mA)
1.0° rms
1.5° rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com