Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81103AT Datasheet(PDF) 14 Page - STMicroelectronics

Part # STW81103AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103AT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STW81103AT Datasheet HTML 10Page - STMicroelectronics STW81103AT Datasheet HTML 11Page - STMicroelectronics STW81103AT Datasheet HTML 12Page - STMicroelectronics STW81103AT Datasheet HTML 13Page - STMicroelectronics STW81103AT Datasheet HTML 14Page - STMicroelectronics STW81103AT Datasheet HTML 15Page - STMicroelectronics STW81103AT Datasheet HTML 16Page - STMicroelectronics STW81103AT Datasheet HTML 17Page - STMicroelectronics STW81103AT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
Electrical specifications
STW81103
14/53
An evaluation kit is available upon request, including a powerful simulation tool
(STWPLLSim) that allows a very accurate estimation of the device’s phase noise according
to the desired project parameters (VCO frequency, selected output stage, reference clock,
frequency step, and so on); refer to
Section 8: Application information for more details.
VCO A with divider by 2 (1250 MHz-1525 MHz) – open loop(3)
Phase noise @ 1 kHz
-65
dBc/Hz
Phase noise @ 10 kHz
-93
dBc/Hz
Phase noise @ 100 kHz
-115
dBc/Hz
Phase noise @ 1 MHz
-137
dBc/Hz
Phase noise @ 10 MHz
-153
dBc/Hz
Phase noise floor @ 40 MHz
-155
dBc/Hz
VCO B with divider by 2 (2175 MHz-2500 MHz) – open loop(3)
Phase noise @ 1 kHz
-60
dBc/Hz
Phase noise @ 10 kHz
-88
dBc/Hz
Phase noise @ 100 kHz
-111
dBc/Hz
Phase noise @ 1 MHz
-132
dBc/Hz
Phase noise @ 10 MHz
-150
dBc/Hz
Phase noise floor @ 40 MHz
-154
dBc/Hz
VCO A with divider by 4 (625 MHz-762.5 MHz) – open loop(3)
Phase noise @ 1 kHz
-71
dBc/Hz
Phase noise @ 10 kHz
-99
dBc/Hz
Phase noise @ 100 kHz
-121
dBc/Hz
Phase noise @ 1 MHz
-142
dBc/Hz
Phase noise @ 10 MHz
-154
dBc/Hz
Phase noise floor @ 40 MHz
-155
dBc/Hz
VCO B with divider by 4 (1087.5 MHz-1250 MHz) – open loop(3)
Phase noise @ 1 kHz
-66
dBc/Hz
Phase noise @ 10 kHz
-94
dBc/Hz
Phase noise @ 100 kHz
-117
dBc/Hz
Phase noise @ 1 MHz
-138
dBc/Hz
Phase noise @ 10 MHz
-153
dBc/Hz
Phase noise floor @ 40 MHz
-154
dBc/Hz
1.
Phase Noise SSB. VCO amplitude setting to value [11]. All closed-loop performances are specified using a reference clock
signal at 76.8 MHz with a phase noise of -135 dBc/Hz @1 kHz offset, -145dBc/Hz @10kHz offset and -149.5 dBc/Hz of
noise floor.
2.
Normalized PN = Measured PN – 20log(N) – 10log(FPFD), where N is the VCO divider ratio (N=B*P+A) and FPFD is the
comparison frequency at the PFD input.
3.
Typical phase noise at centre band frequency.
Table 6.
Phase noise specification (1) (continued)
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com