Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81103AT Datasheet(PDF) 24 Page - STMicroelectronics

Part # STW81103AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103AT Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STW81103AT Datasheet HTML 20Page - STMicroelectronics STW81103AT Datasheet HTML 21Page - STMicroelectronics STW81103AT Datasheet HTML 22Page - STMicroelectronics STW81103AT Datasheet HTML 23Page - STMicroelectronics STW81103AT Datasheet HTML 24Page - STMicroelectronics STW81103AT Datasheet HTML 25Page - STMicroelectronics STW81103AT Datasheet HTML 26Page - STMicroelectronics STW81103AT Datasheet HTML 27Page - STMicroelectronics STW81103AT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
Circuit description
STW81103
24/53
The SERCAL bit should be set to “1” at each division ratio change. The VCO calibration
procedure takes approximately 7 periods of the PFD frequency.
The maximum allowed FPFD to perform the calibration process is 1 MHz. When using a
higher FPFD, follow the steps below:
1.
Calibrate the VCO at the desired frequency with an FPFD less than 1 MHz.
2.
Set the ratio of the A, B and R dividers for the desired FPFD.
VCO calibration auto-restart feature
The VCO calibration auto-restart feature, once activated, allows to restart the calibration
procedure when the lock detector reports that the PLL has moved to an unlock condition
(trigger on ‘1’ to ‘0’ transition of lock detector signal).
This situation could happen if the device experiences a significant temperature variation.
Once programmed at the initial temperature T0 inside the operating temperature range
(-40 °C to +85 °C), the synthesizer is able to maintain the lock status only if the temperature
drift (in either direction) is within the limit specified by the
ΔTLK parameter, provided that the
final temperature T1 is still inside the nominal range.
Each VCO featured by STW81103 has its specific
ΔTLK parameter reported in Table 5, that
is typically lower than the maximum allowable drift (
ΔTMAX=125; from -40 °C to +85 °C and
vice versa).
By enabling the VCO calibration auto-restart feature (through the CAL_AUTOSTART_EN
bit), the part will be able to select again the proper VCO frequency sub-range if the
temperature drift exceeds the
ΔTLK limit, without any external user command.
5.8.3
VCO voltage amplitude control
The voltage swing of the VCOs can be adjusted over four levels by means of two dedicated
programming bits (PLL_A1 and PLL_A0). Higher amplitudes provide best phase noise,
whereas lower amplitudes save power.
Table 8 gives the voltage swing level expected on the resonator nodes, the current
consumption, and the phase noise at 1 MHz.
Table 8.
VCO A performances versus amplitude setting (Freq = 2.8 GHz)
PLL_A[1:0]
Differential
voltage swing (Vp)
Current
consumption (mA)
PN @1 MHz (dBc/Hz)
00
1.1
16
-126
01
1.3
19
-127
10
1.9
27
-130
11
2.1
30
-131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com