Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81103AT Datasheet(PDF) 23 Page - STMicroelectronics

Part # STW81103AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103AT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STW81103AT Datasheet HTML 19Page - STMicroelectronics STW81103AT Datasheet HTML 20Page - STMicroelectronics STW81103AT Datasheet HTML 21Page - STMicroelectronics STW81103AT Datasheet HTML 22Page - STMicroelectronics STW81103AT Datasheet HTML 23Page - STMicroelectronics STW81103AT Datasheet HTML 24Page - STMicroelectronics STW81103AT Datasheet HTML 25Page - STMicroelectronics STW81103AT Datasheet HTML 26Page - STMicroelectronics STW81103AT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
STW81103
Circuit description
23/53
5.8
Voltage controlled oscillators
5.8.1
VCO selection
The STW81103 integrates two low-noise VCOs to cover a wide band from:
●
2500 MHz to 3050 MHz and from 4350 MHz to 5000 MHz (direct output)
●
1250 MHz to 1525 MHz and from 2175 MHz to 2500 MHz (selecting divider by 2)
●
625 MHz to 762.5 MHz and from 1087.5 MHz to 1250 MHz (selecting divider by 4)
The frequency range is 2500 MHz-3050 MHz for VCO A, and 4350 MHz-5000 MHz for VCO
B.
5.8.2
VCO frequency calibration
Both VCOs can operate on 32 frequency ranges that are selected by adding or subtracting
capacitors from the resonator. These frequency ranges are intended to cover the wide band
of operation and compensate for process variation on the VCO center frequency.
The range is automatically selected when the SERCAL bit is set to 1. The charge pump is
inhibited, and the ICP and VCTRL pins are at VDD/2 volts. The ranges are then tested with
this VCO input voltage to select the one nearest to the desired output frequency
(FOUT = N*Fref/R).
After this selection, the SERCAL bit is automatically reset to 0 and the charge pump is once
again enabled. To enable a fast settle, the PLL needs only to perform fine adjustments
around VDD/2 on the loop filter to reach FOUT.
Figure 19.
VCO sub-bands frequency characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com