Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL054ACN Datasheet(PDF) 12 Page - STMicroelectronics

Part # TL054ACN
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL054ACN Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TL054ACN Datasheet HTML 8Page - STMicroelectronics TL054ACN Datasheet HTML 9Page - STMicroelectronics TL054ACN Datasheet HTML 10Page - STMicroelectronics TL054ACN Datasheet HTML 11Page - STMicroelectronics TL054ACN Datasheet HTML 12Page - STMicroelectronics TL054ACN Datasheet HTML 13Page - STMicroelectronics TL054ACN Datasheet HTML 14Page - STMicroelectronics TL054ACN Datasheet HTML 15Page - STMicroelectronics TL054ACN Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL052I and TL052AI electrical characteristics at specified free-air temperature (continued)
TL052I, TL052AI
PARAMETER
TEST CONDITIONS
TA
VCC
± = ±5 V
VCC
± = ±15 V
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
S
l
lt
j
ti
25
°C
75
99
75
99
kSVR
Supply-voltage rejection
ratio (
∆VCC±/∆VIO)
VO = 0,
RS = 50 Ω
–40
°C
75
98
75
98
dB
ratio (
∆VCC±/∆VIO)
85
°C
75
99
75
99
Sl
t
25
°C
4.6
5.6
4.8
5.6
ICC
Supply current
(two amplifiers)
VO = 0,
No load
–40
°C
4.5
6.4
4.7
6.4
mA
(two am lifiers)
85
°C
4.4
6.4
4.6
6.4
VO1/VO2 Crosstalk attenuation
AVD = 100
25
°C
120
120
dB
TL052I and TL052AI operating characteristics at specified free-air temperature
TL052I, TL052AI
PARAMETER
TEST CONDITIONS
TA†
VCC
± = ±5 V
VCC
± = ±15 V
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
SR+
Sl
ttit
i ‡
25
°C
17.8
9
20.7
SR+
Slew rate at unity gain‡
RL = 2 kΩ,
CL = 100 pF,
Full range
8
V/
µs
SR
Negative slew rate at
L
,
L
,
See Figure 1
25
°C
15.4
9
17.8
V/
µs
SR–
g
unity gain‡
Full range
8
25
°C
55
56
tr
Rise time
–40
°C
52
53
85
°C
64
65
ns
VI(PP) = ±10 mV,
25
°C
55
57
ns
tf
Fall time
VI(PP) = ±10 mV,
RL = 2 kΩ,
CL = 100 pF,
–40
°C
51
53
See Figures 1 and 2
85
°C
64
65
25
°C
24%
19%
Overshoot factor
–40
°C
24%
19%
%
85
°C
24%
19
V
Equivalent input noise
f = 10 Hz
25
°C
71
71
nV/
√Hz
Vn
q
voltage§
RS = 20 Ω,
f = 1 kHz
25
°C
19
19
30
nV/
√Hz
VN(PP)
Peak-to-peak equivalent
input noise current
See Figure 3
f = 10 Hz to
10 kHz
25
°C
4
4
µV
In
Equivalent input noise
current
f = 1 kHz
25
°C
0.01
0.01
pA/
√Hz
THD
Total harmonic distortion¶
RS = 1 kΩ,
f = 1 kHz
RL = 2 kΩ,
25
°C
0.003
0.003
%
V10
V
R2 k
Ω
25
°C
3
3
B1
Unity-gain bandwidth
VI = 10 mV,
CL =25 pF
RL = 2 kΩ,
See Figure 4
–40
°C
3.5
3.6
MHz
CL = 25 F,
See Figure 4
85
°C
2.5
2.6
Phase margin at unity
V10 mV
R2 k
Ω
25
°C
60
63
φm
Phase margin at unity
gain
VI = 10 mV,
CL = 25 pF,
RL = 2 kΩ,
See Figure 4
–40
°C
58
61
deg
gain
CL = 25 F,
See Figure 4
85
°C
60
63
† Full range is –40
°C to 85°C.
‡ For VCC± = ±5 V, VI(PP) = ±1 V; for VCC± = ±15 V, VI(PP) = ±5 V.
§ This parameter is tested on a sample basis. For other test requirements, please contact the factory. This statement has no bearing on testing
or nontesting of other parameters.
¶ For VCC± = ±5 V, VO(RMS) = 1 V; for VCC± = ±15 V, VO(RMS) = 6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com