Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL054ACN Datasheet(PDF) 18 Page - STMicroelectronics

Part # TL054ACN
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL054ACN Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TL054ACN Datasheet HTML 14Page - STMicroelectronics TL054ACN Datasheet HTML 15Page - STMicroelectronics TL054ACN Datasheet HTML 16Page - STMicroelectronics TL054ACN Datasheet HTML 17Page - STMicroelectronics TL054ACN Datasheet HTML 18Page - STMicroelectronics TL054ACN Datasheet HTML 19Page - STMicroelectronics TL054ACN Datasheet HTML 20Page - STMicroelectronics TL054ACN Datasheet HTML 21Page - STMicroelectronics TL054ACN Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
6–11
a
V
IO
Temperature coefficient of input offset voltage
Distribution
12, 13, 14
IIB
Input bias current
vs Common-mode input voltage
vs Free-air temperature
15
16
IIO
Input offset current
vs Free-air temperature
16
VIC
Common-mode input voltage range limits
vs Supply voltage
vs Free-air temperature
17
18
VO
Output voltage
vs Differential input voltage
19, 20
VOM
Maximum peak output voltage
vs Supply voltage
vs Output current
vs Free-air temperature
21
25, 26
27, 28
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
22, 23, 24
AVD
Large-signal differential voltage amplification
vs Load resistance
vs Frequency
vs Free-air temperature
29
30
31, 32, 33
CMRR
Common-mode rejection ratio
vs Frequency
vs Free-air temperature
34, 35
36
zo
Output impedance
vs Frequency
37
kSVR
Supply-voltage rejection ratio
vs Free-air temperature
38
IOS
Short-circuit output current
vs Supply voltage
vs Time
vs Free-air temperature
39
40
41
ICC
Supply current
vs Supply voltage
vs Free-air temperature
42, 43, 44
45, 46, 47
SR
Slew rate
vs Load resistance
vs Free-air temperature
48–53
54–59
Overshoot factor
vs Load capacitance
60
Vn
Equivalent input noise voltage
vs Frequency
61, 62
THD
Total harmonic distortion
vs Frequency
63
B1
Unity-gain bandwidth
vs Supply voltage
vs Free-air temperature
64, 65, 66
67, 68, 69
φm
Phase margin
vs Supply voltage
vs Load capacitance
vs Free-air temperature
70, 71, 72
73, 74, 75
76, 77, 78
Phase shift
vs Frequency
30
Voltage-follower small-signal pulse response
vs Time
79
Voltage-follower large-signal pulse response
vs Time
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com