Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL054ACN Datasheet(PDF) 33 Page - STMicroelectronics

Part # TL054ACN
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL054ACN Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TL054ACN Datasheet HTML 29Page - STMicroelectronics TL054ACN Datasheet HTML 30Page - STMicroelectronics TL054ACN Datasheet HTML 31Page - STMicroelectronics TL054ACN Datasheet HTML 32Page - STMicroelectronics TL054ACN Datasheet HTML 33Page - STMicroelectronics TL054ACN Datasheet HTML 34Page - STMicroelectronics TL054ACN Datasheet HTML 35Page - STMicroelectronics TL054ACN Datasheet HTML 36Page - STMicroelectronics TL054ACN Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 61
f – Frequency – Hz
10
10
20
30
40
50
70
100
100
1 k
10 k
100 k
VCC
± = ±15 V
RS = 20 Ω
TA = 25°C
See Figure 3
TL051
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
f – Frequency – Hz
10
10
20
30
40
50
70
100
100
1 k
10 k
100 k
VCC
± = ±15 V
RS = 20 Ω
TA = 25°C
See Figure 3
Figure 62
TL052 AND TL054
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
VO(RMS) = 6 V
0.001
100
f – Frequency – Hz
0.01
0.1
1
1 k
10 k
100 k
VCC
± = ±15 V
AVD = 1
TA = 25°C
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
0.004
0.04
0.4
Figure 63
Figure 64
0
2.7
|VCC
±| – Supply Voltage – V
16
3.2
2
4
6
8
10
12
14
2.8
2.9
3
3.1
VI = 10 mV
RL = 2 kΩ
CL = 25 pF
TA = 25°C
See Figure 4
TL051
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com