Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL054ACN Datasheet(PDF) 23 Page - STMicroelectronics

Part # TL054ACN
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL054ACN Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TL054ACN Datasheet HTML 19Page - STMicroelectronics TL054ACN Datasheet HTML 20Page - STMicroelectronics TL054ACN Datasheet HTML 21Page - STMicroelectronics TL054ACN Datasheet HTML 22Page - STMicroelectronics TL054ACN Datasheet HTML 23Page - STMicroelectronics TL054ACN Datasheet HTML 24Page - STMicroelectronics TL054ACN Datasheet HTML 25Page - STMicroelectronics TL054ACN Datasheet HTML 26Page - STMicroelectronics TL054ACN Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 22
0
10 k
f – Frequency – Hz
5
10
15
20
25
30
100 k
1 M
10 M
RL = 2 kΩ
TA = 125°C
VCC
± = ±5 V
TA = –55°C
VCC
± = ±15 V
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE†
vs
FREQUENCY
Figure 23
0
10 k
f – Frequency – Hz
5
10
15
20
25
30
100 k
1 M
10 M
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
TA = 25°C
RL = 2 kΩ
VCC
± = ±5 V
VCC
± = ±15 V
Figure 24
20
25
30
15
10
5
0
10 k
100 k
f – Frequency – Hz
1 M
10 M
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
RL = 10 kΩ
TA = 25°C
VCC
± = ±15 V
VCC
± = ±5 V
Figure 25
0
0
|IO| – Output Current – mA
1
2
3
4
5
412
16
20
8
MAXIMUM PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VOM–
VOM+
VCC
± = ±5 V
RL = 10 kΩ
TA = 25°C
2
6
10
14
18
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com