Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL054ACN Datasheet(PDF) 14 Page - STMicroelectronics

Part # TL054ACN
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL054ACN Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TL054ACN Datasheet HTML 10Page - STMicroelectronics TL054ACN Datasheet HTML 11Page - STMicroelectronics TL054ACN Datasheet HTML 12Page - STMicroelectronics TL054ACN Datasheet HTML 13Page - STMicroelectronics TL054ACN Datasheet HTML 14Page - STMicroelectronics TL054ACN Datasheet HTML 15Page - STMicroelectronics TL054ACN Datasheet HTML 16Page - STMicroelectronics TL054ACN Datasheet HTML 17Page - STMicroelectronics TL054ACN Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL054C and TL054AC operating characteristics at specified free-air temperature
†
TL054C, TL054C
PARAMETER
TEST CONDITIONS
TA†
VCC
± = ±5 V
VCC
± = ±15 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SR+
Positive slew rate
25
°C
15.4
10
17.8
SR+
at unity gain
0
°C
15.7
8
17.9
RL = 2 kΩ,CL = 100 pF,
70
°C
14.4
8
17.5
V/
µs
SR
Negative slew rate at
L
L
See Figure 1 and Note 7
25
°C
13.9
10
15.9
V/
µs
SR–
g
unity gain‡
0
°C
14.3
8
16.1
70
°C
13.3
8
15.5
25
°C
55
56
tr
Rise time
0
°C
54
55
70
°C
63
63
ns
VI(PP) = ±10 mV,
R2 k
Ω
25
°C
55
57
ns
tf
Fall time
RL = 2 kΩ,
CL = 100 pF
0
°C
54
56
CL = 100 F,
See Figures 1 and 2
70
°C
62
64
See Figures 1 and 2
25
°C
24%
19%
Overshoot factor
0
°C
24%
19%
%
70
°C
24%
19
V
Equivalent input noise
f = 10 Hz
25
°C
75
75
nV/
√Hz
Vn
q
voltage§
RS = 20 Ω,
f = 1 kHz
25
°C
21
21
45
nV/
√Hz
VN(PP)
Peak-to-peak equivalent
input noise voltage
See Figure 3
f = 10 Hz to
10 kHz
25
°C
4
4
µV
In
Equivalent input
noise current
f = 1 kHz
25
°C
0.01
0.01
pA/
√Hz
THD
Total harmonic
distortion¶
RS = 1 kΩ,
f = 1 kHz
RL = 2 kΩ,
25
°C
0.003
0.003
%
V10 mV
R
2 k
Ω
25
°C
2.7
2.7
B1
Unity-gain bandwidth
VI = 10 mV,
RL = 2 kΩ,
CL =25 pF
See Figure 4
0
°C
3
3
MHz
CL = 25 F,
See Figure 4
70
°C
2.4
2.4
Phase margin at
VI =10mV
RL =2kΩ
25
°C
61
64
φm
Phase margin at
unity gain
VI = 10 mV,
RL = 2 kΩ,
CL = 25 pF
See Figure 4
0
°C
60
64
deg
unity gain
CL = 25 F,
See Figure 4
70
°C
61
63
† Full range is 0
°C to 70°C.
‡ For VCC± = ±5 V, VI(PP) = ±1 V; for VCC± = ±15 V, VI(PP) = ±5 V.
§ This parameter is tested on a sample basis. For other test requirements, please contact the factory. This statement has no bearing on testing
or nontesting of other parameters.
¶ For VCC± = ±5 V, VO(RMS) = 1 V; for VCC± = ±15 V, VO(RMS) = 6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com