Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL054ACN Datasheet(PDF) 37 Page - STMicroelectronics

Part # TL054ACN
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL054ACN Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TL054ACN Datasheet HTML 33Page - STMicroelectronics TL054ACN Datasheet HTML 34Page - STMicroelectronics TL054ACN Datasheet HTML 35Page - STMicroelectronics TL054ACN Datasheet HTML 36Page - STMicroelectronics TL054ACN Datasheet HTML 37Page - STMicroelectronics TL054ACN Datasheet HTML 38Page - STMicroelectronics TL054ACN Datasheet HTML 39Page - STMicroelectronics TL054ACN Datasheet HTML 40Page - STMicroelectronics TL054ACN Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 76
–75
55
°
TA – Free-Air Temperature – °C
125
65
°
–50
–25
0
25
50
75
100
57
°
59
°
61
°
63
°
VCC
± = ±15 V
VCC
± = ±5 V
CL = 25 pF
VI = 10 mV
RL = 2 kΩ
See Figure 4
TL051
PHASE MARGIN†
vs
FREE-AIR TEMPERATURE
Figure 77
–75
55
°
TA – Free-Air Temperature – °C
125
65
°
–50
–25
0
25
50
75
100
57
°
59
°
61
°
63
°
VCC
± = ±15 V
VCC
± = ±5 V
CL = 25 pF
VI = 10 mV
RL = 2 kΩ
See Figure 4
TL052
PHASE MARGIN†
vs
FREE-AIR TEMPERATURE
–75
55
°
TA – Free-Air Temperature – °C
125
65
°
–50
–25
0
25
50
75
100
57
°
59
°
61
°
63
°
VCC
± = ±15 V
VCC
± = ±5 V
CL = 25 pF
VI = 10 mV
RL = 2 kΩ
See Figure 4
TL054
PHASE MARGIN†
vs
FREE-AIR TEMPERATURE
Figure 78
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com