Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB-001LEVALZ Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 25Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 26Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 27Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 28Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 29Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 30Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 31Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 32Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 33Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
ISLA224P12
FN7983 Rev.4.01
Page 29 of 32
Apr 8, 2024
Equivalent Circuits
FIGURE 45. ANALOG INPUTS
FIGURE 46. CLOCK INPUTS
FIGURE 47. TRI-LEVEL DIGITAL INPUTS
FIGURE 48. DIGITAL INPUTS
FIGURE 49. LVDS OUTPUTS
FIGURE 50. CMOS OUTPUTS
AVDD
INP
INN
AVDD
CSAMP
4pF
CSAMP
4pF
TO
CHARGE
PIPELINE
TO
CHARGE
PIPELINE
E1
E3
E3
E2
E2
E1
600
AVDD
CLKP
CLKN
AVDD
AVDD
TO
CLOCK-PHASE
GENERATION
AVDD
11k
18k
11k
18k
AVDD
INPUT
AVDD
AVDD
AVDD
TO
SENSE
LOGIC
75k
75k
75k
75k
280
INPUT
OVDD
OVDD
280
TO
LOGIC
20k
OVDD
(20k PULL-UP
ON RESETN
ONLY)
D[13:0]P
OVDD
OVDD
2mA OR
3mA
2mA OR
3mA
DATA
DATA
DATA
DATA
D[13:0]N
OVDD
D[13:0]
OVDD
OVDD
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com