Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB-001LEVALZ Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 21Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 22Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 23Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 24Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 25Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 26Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 27Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 28Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
ISLA224P12
FN7983 Rev.4.01
Page 25 of 32
Apr 8, 2024
This register is not changed by a Soft Reset.
ADDRESS 0X74: OUTPUT_MODE_B
Bit 6 DLL Range
This bit sets the DLL operating range to fast (default) or slow.
Internal clock signals are generated by a delay-locked loop (DLL),
which has a finite operating range. Table 13 shows the allowable
sample rate ranges for the slow and fast settings.
ADDRESS 0XB6: CALIBRATION STATUS
The LSB at address 0xB6 can be read to determine calibration
status. The bit is ‘0’ during calibration and goes to a logic ‘1’
when calibration is complete. This register is unique in that it can
be read after POR at calibration, unlike the other registers on
chip, which can’t be read until calibration is complete.
DEVICE TEST
The ISLA224P12 can produce preset or user defined patterns on
the digital outputs to facilitate in-situ testing. A user can pick
from preset built-in patterns by writing to the output test mode
field [7:4] at 0xC0 or user defined patterns by writing to the user
test mode field [2:0] at 0xC0. The user defined patterns should
be loaded at address space 0xC1 through 0xD0, see the “SPI
Memory Map” on page 27 for more detail. The predefined
patterns are shown in Table 14. The test mode is enabled
asynchronously to the sample clock, therefore several sample
clock cycles may elapse before the data is present on the output
bus.
ADDRESS 0XC0: TEST_IO
Bits 7:4 Output Test Mode
These bits set the test mode according to Table 14. Other
values are reserved. User test patterns loaded at 0xC1 through
0xD0 are also available by writing ‘1000’ to [7:4] at 0xC0 and a
pattern depth value to [2:0] at 0xC0. See the “SPI Memory
Map” on page 27.
Bits 2:0 User Test Mode
The three LSBs in this register determine the test pattern in
combination with registers 0xC1 through 0xD0. Refer to the
“SPI Memory Map” on page 27.
ADDRESS 0XC1: USER_PATT1_LSB
ADDRESS 0XC2: USER_PATT1_MSB
These registers define the lower and upper eight bits,
respectively, of the user-defined pattern 1.
ADDRESS 0XC3: USER_PATT2_LSB
ADDRESS 0XC4: USER_PATT2_MSB
These registers define the lower and upper eight bits,
respectively, of the user-defined pattern 2
ADDRESS 0XC5: USER_PATT3_LSB
ADDRESS 0XC6: USER_PATT3_MSB
These registers define the lower and upper eight bits,
respectively, of the user-defined pattern 3
ADDRESS 0XC7: USER_PATT4_LSB
ADDRESS 0XC8: USER_PATT4_MSB
These registers define the lower and upper eight bits,
respectively, of the user-defined pattern 4.
ADDRESS 0XC9: USER_PATT5_LSB
ADDRESS 0XCA: USER_PATT5_MSB
These registers define the lower and upper eight bits,
respectively, of the user-defined pattern 5.
TABLE 11. OUTPUT MODE CONTROL
VALUE
0x73[7:5]
OUTPUT MODE
000
LVDS 3mA (Default)
001
LVDS 2mA
100
LVCMOS
TABLE 12. OUTPUT FORMAT CONTROL
VALUE
0x73[2:0]
OUTPUT FORMAT
000
Two’s Complement (Default)
010
Gray Code
100
Offset Binary
TABLE 13. DLL RANGES
DLL RANGE
MIN
MAX
UNIT
Slow
40
100
MSPS
Fast
80
125
MSPS
TABLE 14. OUTPUT TEST MODES
VALUE
0xC0[7:4]
OUTPUT TEST MODE
WORD 1
WORD 2
0000
Off
0001
Midscale
0x8000
N/A
0010
Positive Full-Scale
0xFFFF
N/A
0011
Negative Full-Scale
0x0000
N/A
0100
Reserved
N/A
N/A
0101
Reserved
N/A
N/A
0110
Reserved
N/A
N/A
0111
Reserved
1000
User Pattern
user_patt1
user_patt2
1001
Reserved
N/A
N/A
1010
Ramp
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com