Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC21 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # RC21
Description  Standard chip resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RC21 Datasheet(HTML) 5 Page - NXP Semiconductors

  RC21 Datasheet HTML 1Page - NXP Semiconductors RC21 Datasheet HTML 2Page - NXP Semiconductors RC21 Datasheet HTML 3Page - NXP Semiconductors RC21 Datasheet HTML 4Page - NXP Semiconductors RC21 Datasheet HTML 5Page - NXP Semiconductors RC21 Datasheet HTML 6Page - NXP Semiconductors RC21 Datasheet HTML 7Page - NXP Semiconductors RC21 Datasheet HTML 8Page - NXP Semiconductors RC21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1997 Feb 26
5
Philips Components
Product specification
Standard chip resistors
sizes 1206, 0805, 0603 and 0402
RC01/11/21/31
Fig.5
Pulse on a regular basis for type: RC01; maximum permissible peak pulse power
as a
function of pulse duration for R
≤ 10 kΩ, single pulse and repetitive pulse tp/ti = 1000.
P
ˆ
max
()
10 6
10 5
10 4
10 3
10 2
10 1
1
MLB383
10 3
1
10
10 2
10 1
t (s)
i
Pmax
(W)
^
single pulse
rep. pulse
t /t = 1000
pi
Fig.6
Pulse on a regular basis for type: RC01; maximum permissible peak pulse voltage
as a
function of pulse duration.
V
ˆ
max
()
handbook, full pagewidth
0
10 – 6
10 – 5
10 – 4
10 – 3
10 – 2
10 –1
1
MGA209
500
400
300
200
100
600
700
(V)
max
t
(s)
i
V
^



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com