Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC21 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # RC21
Description  Standard chip resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RC21 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button RC21 Datasheet HTML 3Page - NXP Semiconductors RC21 Datasheet HTML 4Page - NXP Semiconductors RC21 Datasheet HTML 5Page - NXP Semiconductors RC21 Datasheet HTML 6Page - NXP Semiconductors RC21 Datasheet HTML 7Page - NXP Semiconductors RC21 Datasheet HTML 8Page - NXP Semiconductors RC21 Datasheet HTML 9Page - NXP Semiconductors RC21 Datasheet HTML 10Page - NXP Semiconductors RC21 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1997 Feb 26
7
Philips Components
Product specification
Standard chip resistors
sizes 1206, 0805, 0603 and 0402
RC01/11/21/31
Fig.9
Pulse on a regular basis for type: RC21; maximum permissible peak pulse power
as a
function of pulse duration for R
≤ 10 kΩ, single pulse and repetitive pulse tp/ti = 1000.
P
ˆ
max
()
handbook, full pagewidth
10 1
1
MBD591
1
10
102
10 2
10 3
10 4
10 5
10 6
10 2
Pmax
(W)
single pulse
t /t =1000
pi
10 1
t (s)
i
Fig.10 Pulse on a regular basis for type: RC21; maximum permissible peak pulse voltage
as a
function of pulse duration.
V
ˆ
max
()
handbook, full pagewidth
300
100
0
200
MBD592
10 1
1
10 2
10 3
10 4
10 5
10 6
Vmax
(V)
t (s)
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com