Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC21 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # RC21
Description  Standard chip resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RC21 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button RC21 Datasheet HTML 3Page - NXP Semiconductors RC21 Datasheet HTML 4Page - NXP Semiconductors RC21 Datasheet HTML 5Page - NXP Semiconductors RC21 Datasheet HTML 6Page - NXP Semiconductors RC21 Datasheet HTML 7Page - NXP Semiconductors RC21 Datasheet HTML 8Page - NXP Semiconductors RC21 Datasheet HTML 9Page - NXP Semiconductors RC21 Datasheet HTML 10Page - NXP Semiconductors RC21 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1997 Feb 26
8
Philips Components
Product specification
Standard chip resistors
sizes 1206, 0805, 0603 and 0402
RC01/11/21/31
MECHANICAL DATA
Mass per 100 units
Marking
Each resistor, except RC31, is
marked with a three digit code
(occasionally four digit) on the
protective coating to designate the
nominal resistance value.
3-DIGIT MARKING
For values up to 91
Ω the R is used as
a decimal point. For values of 100
Ω
or greater the first 2 digits are
significant, the third indicates the
number of zeros to follow.
Example
4-DIGIT MARKING
For values up to 976
Ω the R is used
as a decimal point. For values of 1 k
Ω
or greater the first 3 digits are
significant, the fourth indicates the
number of zeros to follow.
Example
The packaging is also marked and
includes resistance value, tolerance,
TC value, catalogue number,
quantity, production period, batch
number and source code.
TYPE
MASS
(g)
RC01
1.0
RC11
0.55
RC21
0.25
RC31
0.052
MARKING
RESISTANCE
12R
12
Ω
823
82 k
Ω
MARKING
RESISTANCE
12R0
12
Ω
8202
82 k
Ω
Outlines
Table 3
Chip resistor types and relevant physical dimensions; see Fig.11
TYPE
L
(mm)
W
(mm)
T
(mm)
tt
(mm)
tb
(mm)
RC01
3.20
+0.10/
−0.20
1.60
±0.15
0.55
±0.10
0.45
±0.25
0.50
±0.25
RC11
2.00
±0.15
1.25
±0.15
0.55
±0.10
0.40
±0.20
0.40
±0.20
RC21
1.60
±0.10
0.80
+0.15/
−0.05
0.45
±0.10
0.30
±0.20
0.30
±0.20
RC31
1.00
±0.05
0.50
±0.05
0.35
±0.05
0.20
±0.10
0.25
±0.10
Fig.11 Outlines.
handbook, 4 columns
protective coat
resistor layer
inner electrode
end termination
ceramic substrate
protective coat
MBE940
22R
marking
T
W
L
tt
tb
For dimensions see Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com