| Electronic Components Datasheet Search |
|
AM6421 Datasheet(PDF) 70 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6421 Datasheet(HTML) 70 Page - Texas Instruments |
|
70 / 273 page ![]() Table 5-36. GPIO1 Signal Descriptions (continued) SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] GPIO1_56 IO General Purpose Input/Output E15 GPIO1_57 IO General Purpose Input/Output E14 GPIO1_58 IO General Purpose Input/Output D16 GPIO1_59 IO General Purpose Input/Output E16 GPIO1_60 IO General Purpose Input/Output A17 GPIO1_61 IO General Purpose Input/Output B17 GPIO1_62 IO General Purpose Input/Output C17 GPIO1_63 IO General Purpose Input/Output D17 GPIO1_64 IOD General Purpose Input/Output A18 GPIO1_65 IOD General Purpose Input/Output B18 GPIO1_66 IO General Purpose Input/Output C18 GPIO1_67 IO General Purpose Input/Output B19 GPIO1_68 (1) IO General Purpose Input/Output D18 GPIO1_69 IO General Purpose Input/Output A19 GPIO1_70 (1) IOD General Purpose Input/Output C19 GPIO1_71 (1) IO General Purpose Input/Output K18 GPIO1_72 (1) IO General Purpose Input/Output K19 GPIO1_73 (1) IO General Purpose Input/Output L21 GPIO1_74 (1) IO General Purpose Input/Output K21 GPIO1_75 (1) IO General Purpose Input/Output L20 GPIO1_76 (1) IO General Purpose Input/Output J19 GPIO1_77 (1) IO General Purpose Input/Output D19 GPIO1_78 (1) IO General Purpose Input/Output C20 GPIO1_79 IO General Purpose Input/Output E19 (1) This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. 5.3.10.2 MCU Domain Table 5-37. MCU_GPIO0 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] MCU_GPIO0_0 (1) IO General Purpose Input/Output E8 MCU_GPIO0_1 (1) IO General Purpose Input/Output D8 MCU_GPIO0_2 IO General Purpose Input/Output A8 MCU_GPIO0_3 IO General Purpose Input/Output A9 MCU_GPIO0_4 IO General Purpose Input/Output B6 MCU_GPIO0_5 (1) IO General Purpose Input/Output A7 MCU_GPIO0_6 (1) IO General Purpose Input/Output B7 MCU_GPIO0_7 IO General Purpose Input/Output D7 MCU_GPIO0_8 IO General Purpose Input/Output C7 MCU_GPIO0_9 IO General Purpose Input/Output C8 MCU_GPIO0_10 IO General Purpose Input/Output E7 MCU_GPIO0_11 IO General Purpose Input/Output E6 MCU_GPIO0_12 (1) IO General Purpose Input/Output C6 MCU_GPIO0_13 (1) IO General Purpose Input/Output D6 AM6442, AM6441, AM6422, AM6421, AM6412, AM6411 SPRSP56J – JANUARY 2021 – REVISED JUNE 2026 www.ti.com 70 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |