Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 88 Page - Texas Instruments

Part # AM6421
Description  AM64x Sitara™ Processors
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM6421 Datasheet(HTML) 88 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 84Page - Texas Instruments AM6421 Datasheet HTML 85Page - Texas Instruments AM6421 Datasheet HTML 86Page - Texas Instruments AM6421 Datasheet HTML 87Page - Texas Instruments AM6421 Datasheet HTML 88Page - Texas Instruments AM6421 Datasheet HTML 89Page - Texas Instruments AM6421 Datasheet HTML 90Page - Texas Instruments AM6421 Datasheet HTML 91Page - Texas Instruments AM6421 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 273 page
background image
Table 5-60. PRU_ICSSG1 Signal Descriptions (continued)
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
PRG1_RGMII1_TD0
O
PRU_ICSSG RGMII Transmit Data
AA8
PRG1_RGMII1_TD1
O
PRU_ICSSG RGMII Transmit Data
U9
PRG1_RGMII1_TD2
O
PRU_ICSSG RGMII Transmit Data
W9
PRG1_RGMII1_TD3
O
PRU_ICSSG RGMII Transmit Data
AA9
PRG1_RGMII2_RD0
I
PRU_ICSSG RGMII Receive Data
W11
PRG1_RGMII2_RD1
I
PRU_ICSSG RGMII Receive Data
V11
PRG1_RGMII2_RD2
I
PRU_ICSSG RGMII Receive Data
AA12
PRG1_RGMII2_RD3
I
PRU_ICSSG RGMII Receive Data
Y12
PRG1_RGMII2_TD0
O
PRU_ICSSG RGMII Transmit Data
AA10
PRG1_RGMII2_TD1
O
PRU_ICSSG RGMII Transmit Data
V10
PRG1_RGMII2_TD2
O
PRU_ICSSG RGMII Transmit Data
U10
PRG1_RGMII2_TD3
O
PRU_ICSSG RGMII Transmit Data
AA11
PRG1_UART0_CTSn
I
PRU-ICSSG UART Clear to Send (active low)
U15
PRG1_UART0_RTSn
O
PRU-ICSSG UART Request to Send (active low)
U14
PRG1_UART0_RXD
I
PRU-ICSSG UART Receive Data
V14
PRG1_UART0_TXD
O
PRU-ICSSG UART Transmit Data
W14
5.3.20 Reserved
Table 5-61. Reserved Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
RSVD0
N/A
Reserved, must be left unconnected
H16
RSVD1
N/A
Reserved, must be left unconnected
D21
RSVD2
N/A
Reserved, must be left unconnected
G13
RSVD3
N/A
Reserved, must be left unconnected
F17
RSVD4
N/A
Reserved, must be left unconnected
W15
RSVD5
N/A
Reserved, must be left unconnected
V16
RSVD6
N/A
Reserved, must be left unconnected
K2
RSVD7
N/A
Reserved, must be left unconnected
K1
RSVD8
N/A
Reserved, must be left unconnected
F12
5.3.21 SERDES
5.3.21.1 MAIN Domain
Table 5-62. SERDES0 Signal Descriptions
SIGNAL NAME [1] ((2))
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
PCIE0_CLKREQn
IO
PCIE Clock Request Signal
D16
SERDES0_REXT (1)
A
External SerDes PHY Calibration Resistor
T13
SERDES0_REFCLK0N
IO
SerDes PHY Reference Clock Input/Output (negative)
W16
SERDES0_REFCLK0P
IO
SerDes PHY Reference Clock Input/Output (positive)
W17
SERDES0_RX0_N
I
SerDes PHY Differential Receive Data (negative)
Y15
SERDES0_RX0_P
I
SerDes PHY Differential Receive Data (positive)
Y16
SERDES0_TX0_N
O
SerDes PHY Differential Transmit Data (negative)
AA16
SERDES0_TX0_P
O
SerDes PHY Differential Transmit Data (positive)
AA17
(1)
An external 3.01kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56J – JANUARY 2021 – REVISED JUNE 2026
www.ti.com
88
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com