Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 80 Page - Texas Instruments

Part # AM6421
Description  AM64x Sitara™ Processors
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM6421 Datasheet(HTML) 80 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 76Page - Texas Instruments AM6421 Datasheet HTML 77Page - Texas Instruments AM6421 Datasheet HTML 78Page - Texas Instruments AM6421 Datasheet HTML 79Page - Texas Instruments AM6421 Datasheet HTML 80Page - Texas Instruments AM6421 Datasheet HTML 81Page - Texas Instruments AM6421 Datasheet HTML 82Page - Texas Instruments AM6421 Datasheet HTML 83Page - Texas Instruments AM6421 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 273 page
background image
Table 5-58. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
VSS
GND
Ground
A1, A21, A5, A6,
AA1, AA15,
AA18, AA21,
C10, C15, C3,
D1, E11, E13,
F10, F15, F8,
G1, G16, G3,
G7, G9, H11,
H20, H21, H6,
H8, J14, J7, J9,
K6, K8, L1, L16,
L3, L7, L9, M10,
M12, M6, M8,
N11, N13, N15,
N7, N9, P1, P10,
P18, P6, P8,
R12, R7, R9,
T10, T11, T15,
T16, T8, U3,
V17, W10, W18,
Y14, Y17, Y19
(1)
This pin must always be connected via a 6.3V or greater, 0.8uF to 1.5μF capacitor to VSS if the respective VDDSHVx pin is ever
operated at 3.3V. The capacitor selected must provide a capacitance within the defined range after it has been derated for DC-bias,
operating temperature, and aging effects. There are three connection options if the respective VDDSHVx pin is only operated at 1.8V.
The pin can be connected to the same decoupling capacitor that is required for 3.3V operation, it can be left unconnected, or it can be
connected to the same 1.8V power source as the respective VDDSHVx pin.
(2)
This pin must always be connected via a 6.3V or greater, 3.3μF ±20% capacitor to VSS when the SDIO_LDO is being used to
source VDDSHV5. The capacitor selected must provide a capacitance within the defined range after it has been derated for DC-bias,
operating temperature, and aging effects. Otherwise, this pin may be connected directly to VSS when the VDDA_3P3_SDIO pin is also
connected directly to VSS.
5.3.19 PRU_ICSSG
Note
The PRU_ICSSG contains a second layer of multiplexing to enable additional functionality on the PRU
GPO and GPI signals. This internal wrapper multiplexing is described in the PRU_ICSSG chapter in
the device TRM.
5.3.19.1 MAIN Domain
Table 5-59. PRU_ICSSG0 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
PRG0_ECAP0_IN_APWM_OUT
IO
PRU-ICSSG Enhanced Capture (ECAP) Input or Auxiliary
PWM (APWM) Output
R2, U5
PRG0_ECAP0_SYNC_IN
I
PRU-ICSSG ECAP Sync Input
P5, V5
PRG0_ECAP0_SYNC_OUT
O
PRU-ICSSG ECAP Sync Output
AA4, V5
PRG0_IEP0_EDIO_OUTVALID
O
PRU_ICSSG Industrial Ethernet Digital I/O Outvalid
C13
PRG0_IEP0_EDC_LATCH_IN0
I
PRU_ICSSG Industrial Ethernet Distributed Clock Latch
Input
V1
PRG0_IEP0_EDC_LATCH_IN1
I
PRU_ICSSG Industrial Ethernet Distributed Clock Latch
Input
T1
PRG0_IEP0_EDC_SYNC_OUT0
O
PRU_ICSSG Industrial Ethernet Distributed Clock Sync
Output
W1
PRG0_IEP0_EDC_SYNC_OUT1
O
PRU_ICSSG Industrial Ethernet Distributed Clock Sync
Output
U1
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56J – JANUARY 2021 – REVISED JUNE 2026
www.ti.com
80
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com