| Electronic Components Datasheet Search |
|
AM2431BSDGHIALVR. Datasheet(PDF) 66 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431BSDGHIALVR. Datasheet(HTML) 66 Page - Texas Instruments |
|
66 / 282 page ![]() Table 5-22. EPWM2 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] EHRPWM2_A IO EPWM Output A V19 U18 EHRPWM2_B IO EPWM Output B T17 U20 Table 5-23. EPWM3 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] EHRPWM3_A IO EPWM Output A V18 Y19 EHRPWM3_B IO EPWM Output B Y21 Y18 EHRPWM3_SYNCI I Sync Input to EPWM module from an external pin Y20 AA19 EHRPWM3_SYNCO (1) O Sync Output from EPWM module to an external pin R17 (1) The EHRPWM3_SYNCO signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 5-24. EPWM4 Signal Descriptions SIGNAL NAME [1] ((1)) SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] EHRPWM4_A IO EPWM Output A R18 EHRPWM4_B IO EPWM Output B T21 (1) The EPWM4 interface is not supported by the ALX packaged devices. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 5-25. EPWM5 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] EHRPWM5_A IO EPWM Output A T19 P21 EHRPWM5_B (1) IO EPWM Output B W19 (1) The EHRPWM5_B signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 5-26. EPWM6 Signal Descriptions SIGNAL NAME [1] ((1)) SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] EHRPWM6_A IO EPWM Output A B14, N16 EHRPWM6_B IO EPWM Output B A15, N17 EHRPWM6_SYNCI I Sync Input to EPWM module from an external pin C14, R19 EHRPWM6_SYNCO O Sync Output from EPWM module to an external pin B15, R20 (1) The EPWM6 interface is not supported by the ALX packaged devices. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 5-27. EPWM7 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] EHRPWM7_A IO EPWM Output A P17, P5, W20 D1, W20 EHRPWM7_B IO EPWM Output B R2, W21, Y18 F3, Y20 Table 5-28. EPWM8 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] EHRPWM8_A IO EPWM Output A V1, V21 K4, U19 EHRPWM8_B IO EPWM Output B R16, W1 G2, V20 AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 www.ti.com 66 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |