| Electronic Components Datasheet Search |
|
AM2431BSDGHIALVR. Datasheet(PDF) 78 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431BSDGHIALVR. Datasheet(HTML) 78 Page - Texas Instruments |
|
78 / 282 page ![]() Table 5-47. I2C2 Signal Descriptions SIGNAL NAME [1] ((1)) SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] I2C2_SCL IOD I2C Clock C13, P19 B7 I2C2_SDA IOD I2C Data D14, R21 (1) The I2C2 interface is not supported by the ALX packaged devices. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 5-48. I2C3 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] I2C3_SCL IOD I2C Clock C17 B14 I2C3_SDA IOD I2C Data D17 A15 MCU Domain Instances Table 5-49. MCU_I2C0 Signal Descriptions SIGNAL NAME [1] ((1)) SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] MCU_I2C0_SCL IOD I2C Clock E9 MCU_I2C0_SDA IOD I2C Data A10 (1) The MCU_I2C0 interface is not supported by the ALX packaged devices. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 5-50. MCU_I2C1 Signal Descriptions SIGNAL NAME [1] ((1)) SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] MCU_I2C1_SCL IOD I2C Clock A11 MCU_I2C1_SDA IOD I2C Data B10 (1) The MCU_I2C1 interface is not supported by the ALX packaged devices. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. 5.3.14 MCAN MAIN Domain Instances Table 5-51. MCAN0 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] MCAN0_RX I MCAN Receive Data B17 A14 MCAN0_TX O MCAN Transmit Data A17 B13 Table 5-52. MCAN1 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] MCAN1_RX I MCAN Receive Data D17 A15 MCAN1_TX O MCAN Transmit Data C17 B14 5.3.15 SPI (MCSPI) MAIN Domain Instances Table 5-53. MCSPI0 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] SPI0_CLK IO SPI Clock D13 B8 SPI0_CS0 (1) IO SPI Chip Select 0 D12 SPI0_CS1 IO SPI Chip Select 1 C13 B7 AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 www.ti.com 78 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |