Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2431BSDGHIALVR. Datasheet(PDF) 90 Page - Texas Instruments

Part # AM2431BSDGHIALVR.
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDGHIALVR. Datasheet(HTML) 90 Page - Texas Instruments

Back Button AM2431BSDGHIALVR. Datasheet HTML 86Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 87Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 88Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 89Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 90Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 91Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 92Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 93Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 282 page
background image
5.3.20 Reserved and No Connect
Table 5-66. Reserved Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
RSVD0
N/A
Reserved, must be left unconnected
H16
H11
RSVD1
N/A
Reserved, must be left unconnected
D21
J13
RSVD2
N/A
Reserved, must be left unconnected
G13
RSVD3
N/A
Reserved, must be left unconnected
F17
RSVD4
N/A
Reserved, must be left unconnected
W15
RSVD5
N/A
Reserved, must be left unconnected
V16
RSVD6
N/A
Reserved, must be left unconnected
K2
RSVD7
N/A
Reserved, must be left unconnected
K1
RSVD8
N/A
Reserved, must be left unconnected
F12
5.3.21 SERDES
MAIN Domain Instances
Table 5-67. SERDES0 Signal Descriptions
SIGNAL NAME [1] ((3)) ((2))
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
PCIE0_CLKREQn
IO
PCIE Clock Request Signal
D16
C11
SERDES0_REXT (1)
A
External SerDes PHY Calibration Resistor
T13
SERDES0_REFCLK0N
IO
SerDes PHY Reference Clock Input/Output (negative)
W16
SERDES0_REFCLK0P
IO
SerDes PHY Reference Clock Input/Output (positive)
W17
SERDES0_RX0_N
I
SerDes PHY Differential Receive Data (negative)
Y15
SERDES0_RX0_P
I
SerDes PHY Differential Receive Data (positive)
Y16
SERDES0_TX0_N
O
SerDes PHY Differential Transmit Data (negative)
AA16
SERDES0_TX0_P
O
SerDes PHY Differential Transmit Data (positive)
AA17
(1)
An external 3.01kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2)
The functionality of these pins is controlled by the SERDES0_LN0_CTRL_LANE_FUNC_SEL register.
(3)
The SERDES0 interface is not supported by the ALX packaged devices. See AM243x_ALX Package - Unsupported Interfaces and
Signals for additional details.
5.3.22 System and Miscellaneous
5.3.22.1 Boot Mode Configuration
MAIN Domain Instances
Table 5-68. Sysboot Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
BOOTMODE00
I
Bootmode pin 0
T20
R21
BOOTMODE01
I
Bootmode pin 1
U21
R20
BOOTMODE02
I
Bootmode pin 2
T18
T19
BOOTMODE03
I
Bootmode pin 3
U20
V21
BOOTMODE04
I
Bootmode pin 4
U18
U21
BOOTMODE05
I
Bootmode pin 5
U19
T20
BOOTMODE06
I
Bootmode pin 6
V20
T18
BOOTMODE07
I
Bootmode pin 7
V21
U19
BOOTMODE08
I
Bootmode pin 8
V19
U18
BOOTMODE09
I
Bootmode pin 9
T17
U20
BOOTMODE10
I
Bootmode pin 10
R16
V20
BOOTMODE11
I
Bootmode pin 11
W20
W20
BOOTMODE12
I
Bootmode pin 12
W21
Y20
BOOTMODE13
I
Bootmode pin 13
V18
Y19
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
90
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com