Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2431BSDGHIALVR. Datasheet(PDF) 105 Page - Texas Instruments

Part # AM2431BSDGHIALVR.
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDGHIALVR. Datasheet(HTML) 105 Page - Texas Instruments

Back Button AM2431BSDGHIALVR. Datasheet HTML 101Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 102Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 103Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 104Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 105Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 106Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 107Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 108Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 282 page
background image
6.4 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN(1)
NOM
MAX(1)
UNIT
VDD_CORE
Core supply
0.81
0.85
0.895
V
VDDR_CORE
RAM supply
0.81
0.85
0.895
V
VDD_MMC0(2)
MMC0 PHY core supply
0.81
0.85
0.895
V
VDD_DLL_MMC0(2)
MMC0 PLL analog supply
0.81
0.85
0.895
V
VDDA_0P85_SERDES0
SERDES0 0.85V analog supply
0.81
0.85
0.895
V
VDDA_0P85_SERDES0_C SERDES0 clock 0.85V analog supply
0.81
0.85
0.895
V
VDDA_0P85_USB0
USB0 0.85V analog supply
0.81
0.85
0.895
V
VDDS_DDR(3)
VDDS_DDR_C(3)
DDR PHY IO supply
DDR clock IO supply
1.1V Operation
1.06
1.1
1.17
V
1.2V Operation
1.14
1.2
1.26
V
VDDS_MMC0
MMC0 PHY IO supply
1.71
1.8
1.89
V
VDDS_OSC
MCU_OSC0 supply
1.71
1.8
1.89
V
VDDA_MCU
RCOSC, POR, POK, and MCU_ PLL0 analog supply
1.71
1.8
1.89
V
VDDA_ADC0
ADC0 analog supply
1.71
1.8
1.89
V
VDDA_PLL0
MAIN_PLL0, MAIN_PLL2, and MAIN_PLL14 analog supply
1.71
1.8
1.89
V
VDDA_PLL1
MAIN_PLL8 and MAIN_PLL12 analog supply
1.71
1.8
1.89
V
VDDA_PLL2
MAIN_PLL1 analog supply
1.71
1.8
1.89
V
VDDA_1P8_SERDES0
SERDES0 1.8V analog supply
1.71
1.8
1.89
V
VDDA_1P8_USB0
USB0 1.8V analog supply
1.71
1.8
1.89
V
VDDA_TEMP0
TEMP0 analog supply
1.71
1.8
1.89
V
VDDA_TEMP1
TEMP1 analog supply
1.71
1.8
1.89
V
VPP
eFuse ROM programming supply
see(4)
see(4)
see(4)
V
VMON_1P8_MCU
Voltage monitor for 1.8V MCU power supply
1.71
1.8
1.89
V
VMON_1P8_SOC
Voltage monitor for 1.8V SoC power supply
1.71
1.8
1.89
V
VDDA_3P3_USB0
USB0 3.3V analog supply
3.135
3.3
3.465
V
VDDA_3P3_SDIO
SDIO 3.3V analog supply
3.135
3.3
3.465
V
VMON_3P3_MCU
Voltage monitor for 3.3V MCU power supply
3.135
3.3
3.465
V
VMON_3P3_SOC
Voltage monitor for 3.3V SoC power supply
3.135
3.3
3.465
V
VMON_VSYS
Voltage monitor pin
0
see(5)
1
V
USB0_VBUS
USB Level-shifted VBUS Input
0
see(6)
3.465
V
USB0_ID
USB0 analog I/O for RID detection
see(7)
V
VDDSHV_MCU
Dual-voltage IO supply
1.8V Operation
1.71
1.8
1.89
V
3.3V Operation
3.135
3.3
3.465
V
VDDSHV0
Dual-voltage IO supply
1.8V Operation
1.71
1.8
1.89
V
3.3V Operation
3.135
3.3
3.465
V
VDDSHV1
Dual-voltage IO supply
1.8V Operation
1.71
1.8
1.89
V
3.3V Operation
3.135
3.3
3.465
V
VDDSHV2
Dual-voltage IO supply
1.8V Operation
1.71
1.8
1.89
V
3.3V Operation
3.135
3.3
3.465
V
VDDSHV3
Dual-voltage IO supply
1.8V Operation
1.71
1.8
1.89
V
3.3V Operation
3.135
3.3
3.465
V
VDDSHV4
Dual-voltage IO supply
1.8V Operation
1.71
1.8
1.89
V
3.3V Operation
3.135
3.3
3.465
V
www.ti.com
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
105
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com