Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 119 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 115Page - Texas Instruments TMS320VC5502 Datasheet HTML 116Page - Texas Instruments TMS320VC5502 Datasheet HTML 117Page - Texas Instruments TMS320VC5502 Datasheet HTML 118Page - Texas Instruments TMS320VC5502 Datasheet HTML 119Page - Texas Instruments TMS320VC5502 Datasheet HTML 120Page - Texas Instruments TMS320VC5502 Datasheet HTML 121Page - Texas Instruments TMS320VC5502 Datasheet HTML 122Page - Texas Instruments TMS320VC5502 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Table 3-71. UART
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE(1)
0x9C00
URRBR/
Receive Buffer Register
xxxx xxxx
URTHR/
Transmit Holding Register
URDLL(2)
Divisor Latch LSB Register
0x9C01
URIER/
Interrupt Enable Register
0000 0000
URDLM(3)
Divisor Latch MSB Register
0x9C02
URIIR/
Interrupt Identification Register
0000 0001
URFCR(4)
FIFO Control Register
0000 0000
0x9C03
URLCR
Line Control Register
0000 0000
0x9C04
URMCR
Modem Control Register
0000 0000
0x9C05
URLSR
Line Status Register
0110 0000
0x9C07
URSCR
Scratch Register
xxxx xxxx
0x9C08
URDLL(2)
Divisor Latch LSB Register
–
0x9C09
URDLM(3)
Divisor Latch MSB Register
–
0x9C0A
URPID1
Peripheral ID Register (LSW)
–
0x9C0B
URPID2
Peripheral ID Register (MSW)
–
0x9C0C
URPECR
Power and Emulation Control Register
0000 0000 0000 0000
(1)
x denotes a "don't care."
(2)
The registers URRBR, URTHR, and URDLL share one address. URDLL also has a dedicated address. When using the dedicated
address, the DLAB bit can be kept cleared, so that URRBR and URTHR are always selected at the shared address.
•
If DLAB = 0:
Read Only: URRBR
Write Only: URTHR
•
If DLAB = 1:
Read/Write: URDLL
(3)
The registers URIER and URDLM share one address. URDLM also has a dedicated address. When using the dedicated address, the
DLAB bit can be kept cleared, so that URIER is always selected at the shared address.
•
If DLAB = 0:
Read/Write: URIER
•
If DLAB = 1:
Read/Write: URDLM
(4)
The registers URIIR and URFCR share one address.
•
Read Only: URIIR
•
Write Only: URFCR
Table 3-72. External Bus Selection
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
0x6C00
XBSR
External Bus Selection Register
0000 0000 0000 0000
0x8800
XBCR
External Bus Control Register
0000 0000 0000 0000
Table 3-73. Clock Mode Register
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
0x8C00
CLKMD
Clock Mode Control Register
0000 0000 0000 0000
Table 3-74. CLKOUT Selector Register
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
0x8400
CLKOUTSR
CLKOUT Selection Register
0000 0000 0000 0010
Submit Documentation Feedback
Functional Overview
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com