Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 122 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 118Page - Texas Instruments TMS320VC5502 Datasheet HTML 119Page - Texas Instruments TMS320VC5502 Datasheet HTML 120Page - Texas Instruments TMS320VC5502 Datasheet HTML 121Page - Texas Instruments TMS320VC5502 Datasheet HTML 122Page - Texas Instruments TMS320VC5502 Datasheet HTML 123Page - Texas Instruments TMS320VC5502 Datasheet HTML 124Page - Texas Instruments TMS320VC5502 Datasheet HTML 125Page - Texas Instruments TMS320VC5502 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 190 page
background image
www.ti.com
3.17.2
Interrupt Timing
3.17.3
Interrupt Acknowledge
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
The bit layouts of these registers for each interrupt are shown in Figure 3-51 and Figure 3-52. For more
information on the IER, IFR, and DBIER registers, refer to the TMS320C55x DSP CPU Reference Guide
(literature number SPRU371).
15
14
13
12
11
10
9
8
RINT2/
INT3/
DMAC5
DMAC4
XINT2
DSPINT
DMAC1
Reserved
UART
WDTINT(1)
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
7
6
5
4
3
2
1
0
XINT1
RINT1
RINT0
TINT0
INT2
INT0
Reserved
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R, 0
LEGEND: R = Read, W = Write, n = value at reset
(1)
WDTINT is generated only when the WDT interrupt pin is connected to INT3 through the TSSR.
Figure 3-51. IFR0, IER0, DBIFR0, and DBIER0 Registers Layout
15
11
10
9
8
Reserved
RTOS
DLOG
BERR
R, 0
R/W, 0
R/W, 0
R/W, 0
7
6
5
4
3
2
1
0
I2C
TINT1
DMAC3
DMAC2
INT4
DMAC0
XINT0
INT1
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-52. IFR1, IER1, DBIFR1, and DBIER1 Registers Layout
The external interrupts (NMI and INT) are synchronized to the CPU by way of a two-flip-flop synchronizer.
The interrupt inputs are sampled on falling edges of the CPU clock. A sequence on the interrupt pin of
1-0-0-0 on consecutive cycles is required for an interrupt to be detected. Therefore, the minimum low
pulse duration on the external interrupts on the 5502 is three CPU clock periods.
TIM0, TIM1, WDTOUT, and HPI.HAS can be configured to generate interrupts to the CPU. When they are
used for this function, these pins will generate the interrupt associated with that module, i.e., TIM0 will
generate TINT0, HPI.HAS will generate DSPINT, etc. Three SYSCLK1 clock cycles must be allowed to
pass between consecutive interrupts generated using the HPI.HAS signal; otherwise, the last interrupt will
be ignored(i.e., a sequence of 0-1-1-1-0 on consecutive cycles is required for consecutive interrupts). For
more information on configuring TIM0, TIM1, WDTOUT, and HPI.HAS as interrupt pins, please refer to the
TMS320VC5501/5502 DSP Timers Reference Guide (literature number SPRU618) for the timer pins and
to the TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference Guide (literature number
SPRU620) for the HPI pin.
The IACK pin is used to indicate the receipt of an interrupt and that the program counter is fetching the
interrupt vector location designated on the address bus. As the CPU fetches the first word or the software
vector, it generates the IACK signal, which clears the appropriate interrupt flag bit. The IACK signal will go
low for a total of one CPU clock pulse and then go high again. For maskable interrupts, note that the CPU
will not jump to an interrupt service routine if the appropriate interrupt enable bit is not set; consequently,
the IACK pin will not go low when the interrupt is generated.
Functional Overview
122
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com