Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 124 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 124 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 120Page - Texas Instruments TMS320VC5502 Datasheet HTML 121Page - Texas Instruments TMS320VC5502 Datasheet HTML 122Page - Texas Instruments TMS320VC5502 Datasheet HTML 123Page - Texas Instruments TMS320VC5502 Datasheet HTML 124Page - Texas Instruments TMS320VC5502 Datasheet HTML 125Page - Texas Instruments TMS320VC5502 Datasheet HTML 126Page - Texas Instruments TMS320VC5502 Datasheet HTML 127Page - Texas Instruments TMS320VC5502 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 190 page
background image
www.ti.com
nanoseconds (ns)
0
2
1
3
0
5
10
15
-1
20
4
2.5 V
0.6 V
0.1
mF
SN74LVC1G32
R32
33 W
SN74LVC1G32
0.1
mF
3.3 V
3.3 V
TCK
2
4
8
10
12
14
1
3
5
7
9
11
13
XDS TRST
XDS EMU1
TRST
EMU1/OFF
EMU0
3.3 V
TMS
TDI
TDO
XDS TMS
XDS TDI
XDS TDO
XDS TCK RTN
XDS TCK
XDS EMU0
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Figure 3-54. Good TCK Transition
As the problem may be caused by one or more of the above factors, one or more of the steps outlined
below may be necessary to fix it:
• Avoid using a socket
• Ensure the board design achieves rise times and fall times of less than 3 ns with clean monotonic
edges for the TCK signal.
• For designs where TCK is supplied by the emulation pod, implement noise filtering circuitry on the
target board. A sample circuit is shown in Figure 3-55.
Figure 3-55. Sample Noise Filtering Circuitry
124
Functional Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com