Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 126 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 126 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 122Page - Texas Instruments TMS320VC5502 Datasheet HTML 123Page - Texas Instruments TMS320VC5502 Datasheet HTML 124Page - Texas Instruments TMS320VC5502 Datasheet HTML 125Page - Texas Instruments TMS320VC5502 Datasheet HTML 126Page - Texas Instruments TMS320VC5502 Datasheet HTML 127Page - Texas Instruments TMS320VC5502 Datasheet HTML 128Page - Texas Instruments TMS320VC5502 Datasheet HTML 129Page - Texas Instruments TMS320VC5502 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
SPRU618:
TMS320VC5501/5502 DSP Timers Reference Guide . Describes the timers on the
TMS320VC5501/5502 DSPs.
SPRU146:
TMS320VC5501/5502/5503/5507/5509 DSP Inter-Integrated Circuit (I2C) Module Reference
Guide. Describes the features and operation of the inter-integrated circuit (I2C) module that
is available on the TMS320VC5501, TMS320VC5502, TMS320VC5503, TMS320VC5507,
TMS320VC5509,
and
TMS320VC5509A
digital
signal
processors
(DSPs)
in
the
TMS320C55x™ (C55x™) DSP generation. The I2C module provides an interface between
one of these C55x DSPs and devices compliant with Philips Semiconductors Inter-IC bus
(I2C-bus) specification version 2.1 and connected by way of an I2C-bus. This manual
assumes the reader has familiarity with the I2C-bus specification.
SPRU620:
TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference Guide. Describes the host
port interface (HPI) that is on the TMS320VC5501 and TMS320VC5502 DSPs. The HPI
provides a parallel port through which an external host processor can directly access a
portion of the memory inside the DSP. The port is 8 bits wide on a TMS320VC5501 device
and 16 bits wide on a TMS320VC5502 device.
SPRU613:
TMS320VC5501/5502 DSP Direct Memory Access (D.M.A.) Controller Reference Guide.
This manual describes the features and operation of the direct memory access (D.M.A.)
controller that is available on the TMS320VC5501 and TMS320VC5502 digital signal
processors (DSPs) in the TMS320C55x (C55x) DSP generation. This D.M.A. controller
allows movement of data among internal memory, external memory, and peripherals to occur
without intervention from the CPU and in the background of CPU operation.
SPRU592:
TMS320VC5501/5502/5503/5507/5509/5510
DSP
Multichannel
Buffered
Serial
Port
(McBSP) Reference Guide. Describes the type of multichannel buffered serial port (McBSP)
available on the TMS320C55x DSPs. The McBSPs provide a direct serial interface between
a C55x DSP and other devices in a system.
SPRU621:
TMS320VC5501/5502 DSP External Memory Interface (EMIF) Reference Guide . Explains
the common operation of the external memory interface (EMIF) in the TMS320VC5501/5502
digital signal processor (DSP).
SPRU597:
TMS320VC5501/5502
DSP
Universal
Asynchronous
Receiver/Transmitter
(UART)
Reference Guide. Describes the features and operation of the universal asynchronous
receiver/transmitter (UART) that is on the TMS320VC5501 and TMS320VC5502 digital
signal processors (DSPs) in the TMS320C55x (C55x) DSP generation.
SPRZ020D or later: TMS320VC5502 and TMS320VC5501 Digital Signal Processors Silicon Errata.
Describes the known exceptions to the functional specifications for the TMS320VC5502 and
TMS320VC5501 digital signal processors.
SPRA993:
TMS320VC5501/02 Power Consumption Summary. This document assists in the estimation
of power consumption for the TMS320VC5501 and TMS320VC5502 digital signal processors
(DSPs). As power consumption can vary widely on these devices, a spreadsheet was
developed to provide a better estimate. This allows the user to tailor the prediction to their
particular application. It also allows designers the ability to test the efficiency of different
configurations before any hardware is assembled or any code is written.
The reference guides describe in detail the TMS320C55x™ DSP products currently available and the
hardware and software applications, including algorithms, for fixed-point TMS320 DSP family of devices.
A series of DSP textbooks is published by Prentice-Hall and John Wiley & Sons to support digital signal
processing research and education. The TMS320 DSP newsletter, Details on Signal Processing, is
published quarterly and distributed to update TMS320 DSP customers on product information.
Information regarding TI DSP products is also available on the Worldwide Web at http://www.ti.com
uniform resource locator (URL).
Support
126
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com