Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW016DB Datasheet(PDF) 56 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 56 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 52Page - STMicroelectronics M58BW016DB Datasheet HTML 53Page - STMicroelectronics M58BW016DB Datasheet HTML 54Page - STMicroelectronics M58BW016DB Datasheet HTML 55Page - STMicroelectronics M58BW016DB Datasheet HTML 56Page - STMicroelectronics M58BW016DB Datasheet HTML 57Page - STMicroelectronics M58BW016DB Datasheet HTML 58Page - STMicroelectronics M58BW016DB Datasheet HTML 59Page - STMicroelectronics M58BW016DB Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
56/63
Figure 28. Power-up Sequence to Burst the Flash
AI03834
Power-up
or Reset
Asynchronous Read
Write 60h command
Write 03h with A15-A0
BCR inputs
Synchronous Read
BCR bit 15 = '1'
Set Burst Configuration Register Command:
– write 60h
– write 03h
and BCR on A15-A0
BCR bit 15 = '0'
BCR bit 14-bit 0 = '1'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com