Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78F651NAM Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # EM78F651NAM
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAM Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button EM78F651NAM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 16Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 20Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 21Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 13
(This specification is subject to change without further notice)
6.2 Special Function Registers
6.2.1 A (Accumulator)
Internal data transfer operation, or instruction operand holding usually involves the
temporary storage function of the Accumulator, which is not an addressable register.
6.2.2 CONT (Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
/INT
TS
TE
PSTE
PST2
PST1
PST0
Bit 7
Not used, set to “0” at all time.
Bit 6 (/INT): Interrupt enable flag
0 : masked by DISI or hardware interrupt
1 : enabled by ENI/RETI instructions
Bit 5 (TS): TCC signal source
0 : internal instruction cycle clock
1 : transition on TCC pin
Bit 4 (TE): TCC signal edge
0 : increment if a transition from low to high takes place on TCC pin
1 : increment if a transition from high to low takes place on TCC pin
Bit 3 (PSTE): Prescaler enable bit for TCC
0 : prescaler disable bit, TCC rate is 1:1
1 : prescaler enable bit, TCC rate is set as Bit 2~Bit 0
Bit 0 (PST0) ~ Bit 2 (PST2): TCC prescaler bits
PST2
PST1
PST0
TCC Rate
0
0
0
1:2
0
0
1
1:4
0
1
0
1:8
0
1
1
1:16
1
0
0
1:32
1
0
1
1:64
1
1
0
1:128
1
1
1
1:256
CONT register is both readable and writable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com