Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78F651NAM Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM78F651NAM
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAM Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM78F651NAM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
EM78F651N
8-Bit Microcontroller
6
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
6
Function Description
6.1 Operational Registers
6.1.1 R0 (Indirect Addressing Register)
R0 is not a physically implemented register. It is used as an indirect addressing
pointer. Any instruction using R0 as a pointer actually accesses data pointed by the
RAM Select Register (R4).
6.1.2 R1 (Timer Clock/Counter)
R1 is incremented by an external signal edge, which is defined by TE bit (CONT-4)
through the TCC pin, or by the instruction cycle clock. It is writable and readable as
any other registers. It is defined by resetting PSTE (CONT-3).
The prescaler is assigned to TCC, if the PSTE bit (CONT-3) is reset. The contents of
the prescaler counter are cleared only when the TCC register is written with a value.
6.1.3 R2 (Program Counter) & Stack
Depending on the device type, R2 and hardware stack are 10-bit wide. The structure
is depicted in Fig 6-1.
The configuration structure generates 1024
×13 bits on-chip Flash ROM addresses to
the relative programming instruction codes. One program page is 1024 words long.
R2 is set as all "0"s when under a reset condition.
"JMP" instruction allows direct loading of the lower 10 program counter bits. Thus,
"JMP" allows PC to go to any location within a page.
"CALL" instruction loads the lower 10 bits of the PC, and then PC+1 is pushed into
the stack. Thus, the subroutine entry address can be located anywhere within a
page.
"RET" ("RETL k", "RETI") instruction loads the program counter with the contents of
the top-level stack.
"ADD R2, A" allows a relative address to be added to the current PC, and the ninth
and above bits of the PC will increase progressively.
"MOV R2, A" allows to load an address from the "A" register to the lower 8 bits of the
PC, and the ninth and tenth bits of the PC won’t be changed.
Any instruction except “ADD R2,A” that is written to R2 (e.g. "MOV R2, A", "BC R2, 6",
etc.) will cause the ninth bit and the tenth bit (A8~A9) of the PC to remain unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com