Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78F651NAM Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM78F651NAM
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAM Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM78F651NAM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 31
(This specification is subject to change without further notice)
Vdd, is below the working voltage, the IC kernel must keep all register status
automatically.
LVD property is set at Register RE, Bit 1, 0 detailed operation mode is as follows:
Bits 1~Bit 0 (LVD1~LVD0): Low Voltage Detect level control Bits.
LVD1
LVD0
LVD Voltage Interrupt Level
0
0
2.1
0
1
3.1
1
0
3.8
1
1
4.3
The LVD status and interrupt flag is referred to as RF
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RF
LVDIF
-
-
-
-
EXIF
ICIF
TCIF
Bit 7 (LVDIF): Low voltage Detector interrupt flag.
When LVD1, LVD0 = “0, 0”, Vdd > 2.3V, LVDIF is “0”, Vdd
≤ 2.3V, set LVDIF to “1”.
LVDIF is reset to “0” by software.
When LVD1, LVD0 = “0, 1”, Vdd > 3.3V, LVDIF is “0”, Vdd
≤ 3.3V, set LVDIF to “1”.
LVDIF is reset to “0” by software.
When LVD1, LVD0 = “1, 0”, Vdd > 4.0V, LVDIF is “0”, Vdd
≤ 4.0V, set LVDIF to “1”.
LVDIF is reset to “0” by software.
When LVD1, LVD0 = “1, 1”, Vdd > 4.5V, LVDIF is “0”, Vdd
≤ 4.5V, set LVDIF to “1”.
LVDIF is reset to “0” by software.
The following steps are needed to setup the LVD function:
Set the LVDEN of Register RE to “1”, then use Bit 1, 0 (LVD1, LVD0) of Register RE
to set LVD interrupt level
Wait for LVD interrupt to occur.
Clear LVD interrupt flag
The internal LVD module uses internal circuit to fit. When the LVDEN is set to enable
the LVD module, the current consumption will increase to about 10µA.
During sleep mode, the LVD module continues to operate. If the device voltage
drops slowly and crosses the detect point, the LVDIF bit will be set and the device
won’t wake-up from Sleep mode. Until the other wake-up sources wake up the
device, the LVD interrupt flag is still set at the prior status.
When the system resets, the LVD flag will be cleared.
Figure 6-9 shows the LVD module to detect the external voltage situation.
When Vdd drops not below VLVD, LVDIF remain at “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com