Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78F651NAM Datasheet(PDF) 44 Page - ELAN Microelectronics Corp

Part # EM78F651NAM
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAM Datasheet(HTML) 44 Page - ELAN Microelectronics Corp

Back Button EM78F651NAM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 46Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 47Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 48Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
EM78F651N
8-Bit Microcontroller
40
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
Word 0
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ENWDTB
OSC2
OSC1
OSC0
PR2
PR1
PR0
Bit 12: Not used, set to “0” at all time.
Bit 11 (NRHL): Noise rejection high/low pulse define bit. INT pin is falling edge
trigger.
1 : Pulses equal to 8/fc [s] is regarded as signal
0 : Pulses equal to 32/fc [s] is regarded as signal (default)
NOTE
The noise rejection function is turned off in the LXT2 and sleep mode.
Bit 10 (NRE): Noise rejection enable (depend on EM78F651N). INT pin is falling
edge trigger.
1 : disable noise rejection
0 : enable noise rejection (default) but in Low Crystal oscillator (LXT)
mode, the noise rejection circuit is always disabled
Bit 9 (CYES): Instruction cycle selection bit
1 : one instruction cycle (default)
0 : two instruction cycles
Bit 8~7 (CLKS1 and CLKS0): Instruction period option bit
Instruction Period
CLKS1
CLKS0
4 clocks
0
0
2 clocks
0
1
8 clocks
1
0
16 clocks
1
1
Refer to the section on Instruction Set.
Bit 6 (ENWDTB): Watchdog timer enable bit
1 : Enable
0 : Disable
Bits 5~3 (OSC2 ~ OSC0): Oscillator Mode Selection bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com