Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78F651NAM Datasheet(PDF) 32 Page - ELAN Microelectronics Corp

Part # EM78F651NAM
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAM Datasheet(HTML) 32 Page - ELAN Microelectronics Corp

Back Button EM78F651NAM Datasheet HTML 28Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 29Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 36Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
EM78F651N
8-Bit Microcontroller
28
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
Table 8 Values of RST, T and P after Reset
Reset Type
T
P
Power on
1
1
/RESET during Operating mode
*P
*P
/RESET wake-up during Sleep mode
1
0
WDT during Operating mode
0
*P
WDT wake-up during Sleep mode
0
0
Wake-Up on pin change during Sleep mode
1
0
* P: Previous status before reset
Table 9 Status of T and P Being Affected by Events.
Event
T
P
Power on
1
1
WDTC instruction
1
1
WDT time-out
0
*P
SLEP instruction
1
0
Wake-Up on pin change during SLEEP mode
1
0
* P: Previous value before reset
Voltage
Detector
Power-on
Reset
WDTE
Setup Time
VDD
DQ
CLK
CLR
CLK
RESET
WDT Timeout
WDT
/RESET
Oscillator
Fig. 6-6 Block Diagram of Controller Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com