Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78F651NAM Datasheet(PDF) 48 Page - ELAN Microelectronics Corp

Part # EM78F651NAM
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAM Datasheet(HTML) 48 Page - ELAN Microelectronics Corp

Back Button EM78F651NAM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 46Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 47Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 48Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 49Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 50Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 51Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 52Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
EM78F651N
8-Bit Microcontroller
44
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
The capacitor C will discharge rapidly and fully. Rin, the current-limited resistor, will
prevent high current or ESD (electrostatic discharge) from flowing to pin /RESET.
EM78F651N
/RESET
Vdd
D
R
Rin
C
Fig. 6-15 External Power-Up Reset Circuit
6.13 Residue-Voltage Protection
When battery is replaced, device power (Vdd) is taken off but residue-voltage
remains. The residue-voltage may trip below Vdd minimum, but not to zero. This
condition may cause a poor power-on reset. Fig 6-16 and Fig 6-17 shows how to
build a residue-voltage protection circuit.
EM78F651N
/RESET
Vdd
40K
Q1
1N4684
10K
33K
Vdd
Fig. 6-16 Circuit 1 for the Residue Voltage Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com