Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M2 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 31Page - Renesas Technology Corp RA4M2 Datasheet HTML 32Page - Renesas Technology Corp RA4M2 Datasheet HTML 33Page - Renesas Technology Corp RA4M2 Datasheet HTML 34Page - Renesas Technology Corp RA4M2 Datasheet HTML 35Page - Renesas Technology Corp RA4M2 Datasheet HTML 36Page - Renesas Technology Corp RA4M2 Datasheet HTML 37Page - Renesas Technology Corp RA4M2 Datasheet HTML 38Page - Renesas Technology Corp RA4M2 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
Note 2. When the ADC12 is used, the PCLKC frequency must be set to at least 1 MHz.
Table 2.16
Operation frequency value in Subosc-speed mode
Parameter
Symbol
Min
Typ
Max
Unit
Operation frequency
System clock (ICLK)
f
29.4
36.1
kHz
Peripheral module clock (PCLKA)
36.1
Peripheral module clock (PCLKB)
36.1
Peripheral module clock (PCLKC) *2
36.1
Peripheral module clock (PCLKD)
36.1
Flash interface clock (FCLK)*1
29.4
36.1
Note 1. Programming or erasing the flash memory is disabled in Subosc-speed mode.
Note 2. The ADC12 cannot be used.
2.3.2
Clock Timing
Table 2.17
Clock timing except for sub-clock oscillator (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit Test conditions
EXTAL external clock input cycle time
tEXcyc
41.66
ns
Figure 2.7
EXTAL external clock input high pulse width
tEXH
15.83
ns
EXTAL external clock input low pulse width
tEXL
15.83
ns
EXTAL external clock rise time
tEXr
5.0
ns
EXTAL external clock fall time
tEXf
5.0
ns
Main clock oscillator frequency
fMAIN
8
24
MHz —
Main clock oscillation stabilization wait time (crystal)*1
tMAINOSCWT —
—*1
ms
Figure 2.8
LOCO clock oscillation frequency
fLOCO
29.4912 32.768 36.0448 kHz —
LOCO clock oscillation stabilization wait time
tLOCOWT
60.4
µs
Figure 2.9
ILOCO clock oscillation frequency
fILOCO
13.5
15
16.5
kHz —
MOCO clock oscillation frequency
fMOCO
6.8
8
9.2
MHz —
MOCO clock oscillation stabilization wait time
tMOCOWT
15.0
µs
HOCO clock oscillator oscillation
frequency
Without FLL
fHOCO16
15.78
16
16.22
MHz –20 ≤ Ta ≤ 105°C
fHOCO18
17.75
18
18.25
fHOCO20
19.72
20
20.28
fHOCO16
15.71
16
16.29
–40 ≤ Ta ≤ –20°C
fHOCO18
17.68
18
18.32
fHOCO20
19.64
20
20.36
With FLL
fHOCO16
15.960
16
16.040
–40 ≤ Ta ≤ 105°C
Sub-clock frequency accuracy
is ±50 ppm.
fHOCO18
17.955
18
18.045
fHOCO20
19.950
20
20.050
HOCO clock oscillation stabilization wait time*2
tHOCOWT
64.7
µs
HOCO period jitter
±85
ps
FLL stabilization wait time
tFLLWT
1.8
ms
PLL clock frequency
fPLL
100
200
MHz —
PLL2 clock frequency
fPLL2
120
240
MHz —
PLL/PLL2 clock oscillation stabilization wait time
tPLLWT
174.9
µs
Figure 2.10
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 35 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com