Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M2 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 59Page - Renesas Technology Corp RA4M2 Datasheet HTML 60Page - Renesas Technology Corp RA4M2 Datasheet HTML 61Page - Renesas Technology Corp RA4M2 Datasheet HTML 62Page - Renesas Technology Corp RA4M2 Datasheet HTML 63Page - Renesas Technology Corp RA4M2 Datasheet HTML 64Page - Renesas Technology Corp RA4M2 Datasheet HTML 65Page - Renesas Technology Corp RA4M2 Datasheet HTML 66Page - Renesas Technology Corp RA4M2 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
Note:
Must use pins that have a letter appended to their name, for instance “_A”, “_B”, to indicate group membership. For the SD/MMC
Host interface, the AC portion of the electrical characteristics is measured for each group.
SDnCLK
(output)
SDnCMD/SDnDATm
(input)
SDnCMD/SDnDATm
(output)
TSDODLY(max)
TSDIS
TSDIH
TSDLH
TSDHL
TSDCYC
TSDWH
TSDWL
TSDODLY(min)
n = 0, m = 0 to 3
Figure 2.49
SD/MMC Host Interface signal timing
2.4
USB Characteristics
2.4.1
USBFS Timing
Table 2.33
USBFS low-speed characteristics for host only (USB_DP and USB_DM pin characteristics)
Conditions: VCC = AVCC0 = VCC_USB = VBATT = 3.0 to 3.6V, 2.7 ≤ VREFH0/VREFH ≤ AVCC0, USBCLK = 48 MHz
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input
characteristics
Input high voltage
VIH
2.0
V
Input low voltage
VIL
0.8
V
Differential input sensitivity
VDI
0.2
V
| USB_DP - USB_DM |
Differential common-mode range
VCM
0.8
2.5
V
Output
characteristics
Output high voltage
VOH
2.8
3.6
V
IOH = –200 µA
Output low voltage
VOL
0.0
0.3
V
IOL = 2 mA
Cross-over voltage
VCRS
1.3
2.0
V
Figure 2.50
Rise time
tLR
75
300
ns
Fall time
tLF
75
300
ns
Rise/fall time ratio
tLR / tLF
80
125
%
tLR/ tLF
Pull-up and
pull-down
characteristics
USB_DP and USB_DM pull-down
resistance in host controller mode
Rpd
14.25
24.80
kΩ
USB_DP,
USB_DM
tLF
tLR
90%
10%
10%
90%
VCRS
Figure 2.50
USB_DP and USB_DM output timing in low-speed mode
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 63 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com