Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M2 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 64Page - Renesas Technology Corp RA4M2 Datasheet HTML 65Page - Renesas Technology Corp RA4M2 Datasheet HTML 66Page - Renesas Technology Corp RA4M2 Datasheet HTML 67Page - Renesas Technology Corp RA4M2 Datasheet HTML 68Page - Renesas Technology Corp RA4M2 Datasheet HTML 69Page - Renesas Technology Corp RA4M2 Datasheet HTML 70Page - Renesas Technology Corp RA4M2 Datasheet HTML 71Page - Renesas Technology Corp RA4M2 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 93 page
background image
Full-scale error
Full-scale error is the difference between the transition point of the ideal last output code and the actual last output code.
2.6
DAC12 Characteristics
Table 2.38
D/A conversion characteristics
Parameter
Min
Typ
Max
Unit
Test conditions
Resolution
12
Bits
Without output amplifier
Absolute accuracy
±24
LSB
Resistive load 2 MΩ
INL
±2.0
±8.0
LSB
Resistive load 2 MΩ
DNL
±1.0
±2.0
LSB
Output impedance
8.5
kΩ
Conversion time
3
µs
Resistive load 2 MΩ, Capacitive load 20 pF
Output voltage range
0
VREFH
V
With output amplifier
INL
±2.0
±4.0
LSB
DNL
±1.0
±2.0
LSB
Conversion time
4.0
µs
Resistive load
5
kΩ
Capacitive load
50
pF
Output voltage range
0.2
VREFH – 0.2
V
2.7
TSN Characteristics
Table 2.39
TSN characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Relative accuracy
± 1.0
°C
Temperature slope
4.0
mV/°C
Output voltage (at 25 °C)
1.24
V
Temperature sensor start time
tSTART
30
µs
Sampling time
4.15
µs
2.8
OSC Stop Detect Characteristics
Table 2.40
Oscillation stop detection circuit characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Detection time
tdr
1
ms
Figure 2.55
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 68 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com