Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M2 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 45Page - Renesas Technology Corp RA4M2 Datasheet HTML 46Page - Renesas Technology Corp RA4M2 Datasheet HTML 47Page - Renesas Technology Corp RA4M2 Datasheet HTML 48Page - Renesas Technology Corp RA4M2 Datasheet HTML 49Page - Renesas Technology Corp RA4M2 Datasheet HTML 50Page - Renesas Technology Corp RA4M2 Datasheet HTML 51Page - Renesas Technology Corp RA4M2 Datasheet HTML 52Page - Renesas Technology Corp RA4M2 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
tDr, tDf
tSA
tOH
tLEAD
tTD
tLAG
tH
LSB OUT
(Last data)
DATA
MSB OUT
MSB IN
DATA
LSB IN
MSB IN
LSB OUT
tSU
tOD
tREL
MSB OUT
SSn
input
SCKn
CKPOL = 1
input
SCKn
CKPOL = 0
input
MISOn
output
MOSIn
input
Note:
n = 0 to 4, 9
Figure 2.32
SCI simple SPI mode timing for slave when CKPH = 0
Table 2.26
SCI timing (3)
Conditions: Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test conditions
Simple IIC
(Standard mode)
SDA input rise time
tSr
1000
ns
Figure 2.33
SDA input fall time
tSf
300
ns
SDA input spike pulse removal time
tSP
0
4 × tIICcyc
ns
Data input setup time
tSDAS
250
ns
Data input hold time
tSDAH
0
ns
SCL, SDA capacitive load
Cb*1
400
pF
Simple IIC
(Fast mode)
SDA input rise time
tSr
300
ns
Figure 2.33
SDA input fall time
tSf
300
ns
SDA input spike pulse removal time
tSP
0
4 × tIICcyc
ns
Data input setup time
tSDAS
100
ns
Data input hold time
tSDAH
0
ns
SCL, SDA capacitive load
Cb*1
400
pF
Note:
tIICcyc: IIC internal reference clock (IICφ) cycle.
Note 1. Cb indicates the total capacity of the bus line.
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 49 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com